PART |
Description |
Maker |
CAT150169JWI-GT3 CAT150169LWI-GT3 CAT150161JWI-GT3 |
8K X 1 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 Supervisor with 16 k SPI EEPROM 16K X 1 SPI BUS SERIAL EEPROM, PDSO8 Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
CAT25C08L-1.8 CAT25C08SI-1.8TE13 CAT25C08S-1.8TE13 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 LEAD FREE AND HALOGEN FREE, PLASTIC, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD FREE AND HALOGEN FREE, SOIC-8 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 256 X 8 SPI BUS SERIAL EEPROM, PDSO14 512 X 8 SPI BUS SERIAL EEPROM, PDSO14
|
Fox Electronics
|
CAV25128 |
128-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
CAT25128VI-GT3 CAT25128VI-T3 CAT25128LE-GT3 CAT251 |
128-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
CAT1026LI-45-GT3 CAT1026LI-45T3 CAT25C04LI-1.8TE13 |
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM 1K/2K/4K SPI Serial CMOS EEPROM 16K-Bit CMOS PARALLEL EEPROM 64K-Bit CMOS PARALLEL EEPROM 512K-Bit CMOS Flash Memory 32K/64K-Bit SPI Serial CMOS EEPROM 1 Megabit CMOS Flash Memory 512K-Bit CMOS PARALLEL EEPROM 1 Megabit CMOS Boot Block Flash Memory 256K-Bit CMOS PARALLEL EEPROM Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer Precision, Adjustable Shunt Regulator Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer 128K/256K-Bit SPI Serial CMOS EEPROM 16K-Bit Serial EEPROM, Cascadable
|
CATALYST[Catalyst Semiconductor]
|
M95256-RMW3T M95256-RDL1T M95256-VDL3T M95256-RDL5 |
256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ST Microelectronics STMICROELECTRONICS
|
ST95040 ST95040B1TR ST95040B3TR ST95040B6TR ST9504 |
4K serial SPI EEPROM with positive clock strobe 4/2/1 KBITS SERIAL SPI EEPROM WITH POSITIVE CLOCK STROBE (ST950x0) 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe MOSFET, N SOT-23MOSFET, N SOT-23; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SOT-23; Current, Id cont:2.6A; Current, Idm pulse:10A; Power, Pd:0.75W; Resistance, Rds on:0.07R; SMD:1; Current, Id 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe 4K/2K/1K串行SPI EEPROM,带有正时钟选 SPI Serial EEPROM SPI串行EEPROM 2K serial SPI EEPROM with positive clock strobe
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
AM24LC21BISA AM24LC21B AM24LC21BIN AM24LC21BINA AM |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS Dual Mode/ 1K-bits (128 x 8) 2-Wire Serial EEPROM Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
|
Anachip Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AT24C01 AT24C01-10MC AT24C01-10MC-1.8 AT24C01-10MC |
2-WireSerialEEPROM 122 x 32 pixel format, Compact LCD size 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
CAT24C128WI-GT3 |
128 kb I<sup>2</sup>C Serial CMOS EEPROM 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
M34C00MN M34C00 M34C00DW M34C00-WDW6T M34C00-WMN6T |
SWITCH TACT 6MM SQ L=5.85MM160GF 3 X 128 BIT SERIAL I²C BUS EEPROM FOR EE-TAGS From old datasheet system 3 X 128 BIT SERIAL I2C BUS EEPROM FOR EE-TAGS 3 x 128 bit Serial I?C Bus EEPROM For ee-Tags 3 x 128 bit Serial I2C Bus EEPROM For ee-Tags 3 X 128 BIT SERIAL I²C BUS EEPROM FOR EE-TAGS 3 x 128 bit Serial IC Bus EEPROM For ee-Tags
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
CAT24C128WE-GT3 CAT24C128WI-GT3 |
128-Kb I2C CMOS Serial EEPROM 128 - KB的的I2C的CMOS串行EEPROM
|
ON Semiconductor
|