PART |
Description |
Maker |
CMDSH2-4L |
SMD Schottky Diode Single: Low VF SURFACE MOUNT HIGH CURRENT, LOW V-F SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
NSR0240P2T5G |
40V 0.2A low IR SOD-923 Schottky Diode 0.2 A, 40 V, SILICON, SIGNAL DIODE Schottky Barrier Diode
|
ON Semiconductor
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
CMDSH05-4 |
SMD Schottky Diode Single SURFACE MOUNT SUPERmini LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
BAT60B Q62702-A1189 BAT60 Q62702-A118 |
From old datasheet system Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
|
SIEMENS[Siemens Semiconductor Group]
|
BAT60A Q62702-A1188 |
Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply 硅肖特基二极管(肖特基二极管整流极端VF为移动通信电源供应下降 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
NSR02L30NXT5G10 NSR02L30 |
30 V 200 mA Low IR Schottky Diode, DSN2 (0201) Schottky Barrier Diode
|
ON Semiconductor
|
CMUSH05-4 |
SMD Schottky Diode Single High Current/Low VF SURFACE MOUNT ULTRAmini HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
|
CENTRAL[Central Semiconductor Corp]
|
CPD82X |
Schottky Diode High Current, Low VF Schottky Diode Chip
|
Central Semiconductor Corp
|
CPD96V10 |
Schottky Diode 500mA Low VF Schottky Diode Chip
|
Central Semiconductor Corp
|
KDR367 |
Schottky Barrier Diode SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|