PART |
Description |
Maker |
AV16601DGG AV16601DL 74ALVT16601 74ALVT16601DGG 74 |
Hex Schmitt-Trigger Inverters 14-SSOP -40 to 85 18位通用总线收发器,三 18-bit universal bus transceiver (3-State) 18-bit universal bus transceiver 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVTH16501 74LVTH16501MTD 74LVTH16501MEA 74LVTH16 |
8K SPI 1K X 8, 17B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE LVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVTH16500MEAX 74LVTH16500GX 74LVTH16500MTDX |
8K SPI 1K X 8, 16B PAGE, 2.5V SER EE, -40C to 85C, 8-PDIP, TUBE 18位总线收发 Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
IDT74ALVCH16501 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH162835 |
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH16601 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH16903 |
3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH16903PA IDT74ALVCH16903PV IDT74ALVCH1690 |
3.3V CMOS 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER, DUAL 3-STATE OUTPUTS AND BUS-HOLD
|
IDT[Integrated Device Technology]
|
IDT74ALVCH16409 74ALVCH16409_DS_88463 |
3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT
|
74ALVCH162601 74ALVCH162601DGG |
18-bit universal bus transceiver with 30Ω termination resistor (3-State)(30Ω终端电阻器的18位通用总线收发器(三态)) 18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LCX16500 74LCX16500MEA 74LCX16500MTD 74LCX16500C |
Low Voltage 18-Bit Universal Bus Transceivers with 5VTolerant Inputs and Outputs Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
AV16600DGG AV16600DL 74ALVT16600 74ALVT16600DGG 74 |
2.5V/3.3V 18-bit universal bus transceiver 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|