PART |
Description |
Maker |
15-91-3300 15-91-3740 15-91-2780 15-91-2160 15-91- |
CGrid SMT Bkwy Hdr 30 SAu 30Ckt Tube 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 74Ckt Tube 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 78Ckt Tube 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.1 Pitch 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:20; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 68Ckt Tube 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 80Ckt Tube 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 38Ckt Tube 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 64Ckt Tube 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid; Connector Body Material:Plastic; Mounting Type:PC Board; Terminal Type:Right Angle Pin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 16Ckt Tube 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 14Ckt Tube 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 72Ckt Tube 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 36Ckt Tube 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 8Ckt Tube Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.100 Pitch CONN HEADER 12POS .100 VERT TIN 15913040
|
Molex, Inc. MOLEX INC
|
38780-0102 38780-0103 38780-0104 39100-0803 39100- |
PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block
|
MolexKits
|
E5366-FV05Y4-L E5364-FQ05Y4-L |
SIDE ENTRY PCB JACK(SMT) 6P 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK
|
Pulse A Technitrol Company PULSE ELECTRONICS CORP Pulse A Technitrol Comp...
|
0872038152 87203-8152 |
D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 15 CircuitsScrew Hole, Threaded, Gold (Au) 0.38渭m (15渭") D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 15 CircuitsScrew Hole, Threaded, Gold (Au) 0.38μm (15μ)
|
Molex Electronics Ltd.
|
558178-1 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; MJ,R/A,SMT,8P,PCB GRD,PNL STOP ( AMP )
|
Tyco Electronics
|
PE4366 PE4366-16 |
SMB Plug Connector Solder Attachment Thru Hole PCB .200 inch x .067 inch Hole Spacing
|
Pasternack Enterprises,...
|
74320-1009 0743201009 |
MicroCross DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm (.092) P.C. Tail Length
|
Molex Electronics Ltd.
|
52559-2372 52559-0672 52559-2172 52559-3272 |
0.5 FPC ZIF Hsg Assy SMT 23Ckt EmbsTpPkg 23 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT Flex Cable Connector,PCB Mnt,6 Contacts,Number Of Contact Rows:1,SURFACE MOUNT Terminal,LOCKING 6 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT 525592172 21 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT CON SMD ZIF 32P.5MM STR 32 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
SK56C SK53C SK54C |
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers FERRITE TUBULAR BEAD 19.00MM ; Contact Spacing (mm): 2; Terminal Pitch (mm): 2; Stack Height (mm): 5.1; PCB Mount Type: Through-hole; Current Rating(Amps)(Max.): 2; Operating
|
Taiwan Semiconductor Co... TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Co., Ltd.
|
SMH-10270-2 SMH-20270-2 SMH-30270-2 SMH-40270-2 SM |
FAN 24VDC 2.52W 80MM OPERATOR INTERFACE 10.4 COLOR TERMINAL II (SMH-xxxx Series) SURFACE MOUNT LOW PROFILE PCB HEADER PUSHBUTTON LEGEND PLATE 22MM XBC PILOT LIGHT BULB EXTRACTOR XBF RoHS Compliant: Yes OPERATOR INTERFACE 5.7 GRPHCS TRMNL KEYPD 1T OPERATOR INTERFACE 5.7 TERMINAL II PCMCIA PUSHBUTTON 240VAC 1.5AMP XB6 LED Lamp; Color:Blue; LED Color:Blue; Mounting Hole Dia:16mm; Mounting Type:Panel Mount; Terminal Type:Solder OPERATOR INTERFACE 10.4 GRPHC.TRMNL.TCHSCRN 1 MB 8C 8#16 SKT PLUG 表面贴装电路板头低收 OPERATOR INTERFACE 10.4 GRPHC TRMNL TCHSCRN 1 表面贴装电路板头低收 SURFACE MOUNT LOW PROFILE PCB HEADER 表面贴装电路板头低收 MB 11C 11#16 SKT PLUG SURFACE MOUNT LOW PROFILE PCB HEADER
|
List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc. ETC List of Unclassifed Man...
|
TFM-105-02-S-D |
SMT & THROUGH-HOLE HEADER
|
Samtec, Inc
|
|