PART |
Description |
Maker |
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
36511-0098 0365110098 MMB1501R963 MM-B1501-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 2.90mm (.114), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
|
Molex Electronics Ltd.
|
0850090103 85009-0103 |
2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 52 Circuits 2.54mm (.100") Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 52 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
85042-0189 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
85042-9025 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
850422529 0850422529 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850426098 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
0850426050 85042-6050 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850150335 85015-0335 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1楼矛m (40楼矛) Gold (Au), 128 Circuit 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Press-fit Style R, 1μm (40μ) Gold (Au), 128 Circuit
|
Molex Electronics Ltd.
|
0365000122 36500-0122 MM-B2502-C963 |
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100) Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
|