PART |
Description |
Maker |
ENA1198 SCH2408 |
350 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
CPH3307 |
P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications N-Channel Silicon MOSFET
|
SANYO[Sanyo Semicon Device]
|
HAT1093C-EL-E HAT1095C-EL-E HAT1095C HAT1093C |
2000 mA, 12 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET Silicon P Channel MOSFET Power Switching Silicon P Channel MOS FET Power Switching
|
Renesas Electronics Corporation
|
2SK3980 |
900 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
CMLM0205 |
MULTI DISCRETE MODULESURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE 280 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
2SJ594 2SJ594TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-252VAR P-Channel Silicon MOSFET DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|
UP04979 |
Silicon N-channel MOSFET (Tr1) Silicon P-channel MOSFET (Tr2)
|
PANASONIC[Panasonic Semiconductor]
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
2SK544E 2SK544D 2SK544 |
N-Channel Silicon MOSFET FM Tuner, VHF Amplifier Applications Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 30MA I(D) | SPAK
|
SANYO
|
FDW2515N FDW2515NZ |
CAP CER 68000PF 100V 10% X7R1210 5.8 A, 20 V, 0.028 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Common Drain N-Channel 2.5V specified PowerTrench MOSFET Dual N-Channel 2.5V Specified PowerTrench MOSFET
|
Glenair, Inc. FAIRCHILD[Fairchild Semiconductor]
|
|