PART |
Description |
Maker |
HAT1093C-EL-E HAT1095C-EL-E HAT1095C HAT1093C |
2000 mA, 12 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET Silicon P Channel MOSFET Power Switching Silicon P Channel MOS FET Power Switching
|
Renesas Electronics Corporation
|
5LP01N |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators P-Channel Silicon MOSFET for Ultrahigh-Speed Switching Applications(超高速转换应用的P沟道硅MOSFET) P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications Pico MOSFET Series
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
2SJ594 2SJ594TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-252VAR P-Channel Silicon MOSFET DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|
2SJ596 2SJ596TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 8A I(D) | TO-252VAR P-Channel Silicon MOSFET DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
2SK3608-01L 2SK3608-S 2SK3608-SJ 2SK3608 |
N-CHANNEL SILICON POWER MOSFET N-CHANNEL SILICON POWER MOSFET 18 A, 200 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
HAT1023R-EL-E HAT1023R |
7 A, 20 V, 0.06 ohm, P-CHANNEL, Si, POWER, MOSFET 3.95 X 4.90 MM, PLASTIC, FP-8DAV, SOP-8 Silicon P Channel Power MOSFET High Speed Power Switching
|
Renesas Electronics, Corp. Renesas Electronics Corporation
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
2SK947 2SK947-MR |
N-CHANNLEL SILICON POWER MOSFET 12 A, 250 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNLEL SILICON POWER MOSFET - CHANNLEL硅功率MOSFET
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
|