PART |
Description |
Maker |
P036RH06FNO P042RH04CM P027PH04CJO P042RH04CMO P02 |
100 A, 600 V, SCR 100 A, 400 V, SCR, TO-65 670 A, 600 V, SCR, TO-200AB 755 A, 600 V, SCR, TO-200AB 670 A, 200 V, SCR, TO-200AB 355 A, 600 V, SCR 355 A, 1000 V, SCR 355 A, 400 V, SCR 5680 A, 2600 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
D390CH18E3L2 D390CH18E3L3 D390CH18E3L4 D390CH18E3L |
2426 A, 1800 V, SCR 1125 A, 1200 V, SCR, TO-200AB 1950 A, 800 V, SCR, TO-200AC 5087 A, 1600 V, SCR 5087 A, 1800 V, SCR 2749 A, 1800 V, SCR 2749 A, 800 V, SCR 2110 A, 3000 V, SCR 2749 A, 600 V, SCR 1895 A, 1000 V, SCR, TO-200AC 2268 A, 1200 V, SCR 5260 A, 1200 V, SCR 1690 A, 800 V, SCR, TO-200AC 2749 A, 1600 V, SCR 5260 A, 1600 V, SCR 2749 A, 1000 V, SCR 1765 A, 1200 V, SCR, TO-200AC 1765 A, 1600 V, SCR, TO-200AC 2749 A, 1200 V, SCR 2749 A, 400 V, SCR 1030 A, 800 V, SCR, TO-200AB 1715 A, 600 V, SCR, TO-200AC 3140 A, 600 V, SCR 2600 A, 1200 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
MCR72-8G MCR72-008 |
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 8 A, 600 V, SCR, TO-220AB
|
ON Semiconductor
|
C106D C106M C106B |
Leaded Thyristor SCR 4.0A SENSITIVE GATE SILICON CONTROLLED RECTIFIER 200 THRU 600 VOLTS
|
Central Semiconductor Corp http://
|
MCR106-6G MCR106-8G MCR106-8 MCR106 MCR106-6 MCR10 |
Sensitive Gate Silicon Controlled Rectifier; Package: TO-225; No of Pins: 3; Container: Bulk; Qty per Container: 500 4 A, 600 V, SCR, TO-225AA SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
|
ONSEMI[ON Semiconductor]
|
MCR22-8RL1G MCR22-6RLRAG |
Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 1.5 A, 600 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors 1.5 A, 400 V, SCR, TO-92
|
ON Semiconductor
|
MCR100-6-AA-T92-B MCR100L-8-AD-T92-B MCR100G-6-B-A |
0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
TTB6C75N08KOF TDB6HK110N06KOF TDB6HK110N12KOF |
60 A, 800 V, SCR 90 A, 600 V, SCR 90 A, 1200 V, SCR
|
|
CS223-2N CS223-2M |
2.0 AMP SCR 600 THRU 800 VOLTS SMD SCR
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CSD-4M CSD-4N |
SMD SCR 4.0 AMP SCR 600 THRU 800 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
FS1209BH00TU FS1209DH00TU FS1209MH00TU FS1209NH00T |
12 A, 200 V, SCR, TO-220AB 12 A, 400 V, SCR, TO-220AB 12 A, 600 V, SCR, TO-220AB 12 A, 800 V, SCR, TO-220AB
|
|
|