PART |
Description |
Maker |
2403 |
HDTV ANTI-ALIASING FILTER
|
KR Electronics, Inc.
|
GS3018 |
Class D Preamp with Anti-Aliasing Network
|
Gennum Corporation
|
MAX7473UTI MAX7472UTI |
HDTV Anti-Aliasing Filters with Triple-Input Mux
|
Minilogic Device Corporation Limited
|
D98L8B D98L8L |
8 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
|
Frequency Devices, Inc.
|
ACH2020W230V ACH6040W230V ACH6060W230V ACH100100W1 |
HEATER ANTI-CONDENSATION 20W HEATER ANTI-CONDENSATION 40W HEATER ANTI-CONDENSATION 60W HEATER ANTI-CONDENSATION 80W HEATER ANTI-CONDENSATION 100W 取暖防结露功00W
|
Renesas Electronics, Corp.
|
CRX1410 |
ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
|
STMicroelectronics
|
MFP-A2422 |
GOAT ANTI ANTI-MOUSE IGG G (H L) A ANTIBODY
|
Mo Bi Tec
|
SRIX4K-W4/1GE SRIX4K-A3S/1GE SRIX4K-A3T/1GE SRIX4K |
13.56MHz Short Range Contactless Memory Chip with 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
|
ST Microelectronics
|
NT90 NT90RHBSAC12VCB0.6 NT90RHBSAC12VCB0.9 NT90RNA |
Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
|
DB Lectro Inc. DBLECTRO[DB Lectro Inc]
|
HGTP12N60A4D HGT1S12N60A4DS HGTG12N60A4D HGTG12N60 |
600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 54 A, 600 V, N-CHANNEL IGBT, TO-247 600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 47uF; Voltage: 25V; Case Size: 5x11 mm; Packaging: Bulk
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FGB20N6S2D FGH20N6S2D FGB20N6S2DT FGP20N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode Switch Mode Power Supply; Output Power:300W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:60A; Power Supply Mounting:Chassis; Output Current:60A; Output Power Max:300W; Output Voltage:5VDC; Series:JWS RoHS Compliant: Yes 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Stealth Diode, TO-263/D2PAK Package 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|