PART |
Description |
Maker |
NCL30082A NCL30082ADMR2G NCL30082B NCL30082B1DMR2G |
Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
|
ON Semiconductor
|
891-00525CST-0 891-00525CSA1-0 891-00525CSA1-2 891 |
Nanominiature Connectors Double Row Back-To-Back
|
Glenair, Inc.
|
SOT-227 MSS50-800 MSS50-1200 MSS40-1200 MSS40-800 |
BACK TO BACK SCR MODULE
|
Comset Semiconductor
|
FAN7548G FAN7548 FAN7548GX |
CCFL BACK LIGHT IC DUAL LCD BACK LIGHT INVERTER DRIVE IC
|
Fairchild Semiconductor
|
ZL10313UBH |
WIRE, PTFE, A, WHITE, 7/.012MM, 100M; Area, conductor CSA:0.079mm2; Conductor make-up:7/0.12mm; Voltage rating, AC:300V; Current rating:3A; Colour, primary insulation:White; Material, primary insulation:PTFE; Diameter, RoHS Compliant: Yes
|
Zarlink Semiconductor Inc.
|
ST173S ST173S10PFK0L ST173S12MFK0L ST173S12PFK0L |
INVERTER GRADE THYRISTORS Stud Version Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Current, Voltage; Number of PWM Outputs:2; Input Voltage Primary Min:3V; Input Voltage Primary Max:6.5V; Oscillator Frequency Max, Fosc:2MHz RoHS Compliant: No
|
IRF[International Rectifier]
|
MG75Q2YS40 E002411 |
WIRE, ETFE, TEFZEL, 12AWG, WHITE, 100M; Area, conductor CSA:3.022mm2; Conductor make-up:37/0.320; Voltage rating, AC:600V; Current rating:35A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
VIPER20A-E VIPER20ADIP-E VIPER20ASP-E VIPER20A-22- |
SMPS primary I.C.
|
STMicroelectronics
|
VIPER100ASP |
SMPS PRIMARY I.C.
|
ST Microelectronics
|
VIPER20-22-E VIPER20-E VIPER20DIP-E |
SMPS PRIMARY I.C.
|
意法半导 STMicroelectronics
|
PT4225ESOG |
1-5W Primary Side CC Regulator
|
PowTech
|