PART |
Description |
Maker |
MWDM1L-GP-0E MWDM2L-GP-0E MWDM4L-GP-0E MWDM5L-GP-0 |
Micro-D Metal Shell MWDM Back-To-Back Unshielded Cable Assemblies
|
Glenair, Inc.
|
SOT-227 MSS50-800 MSS50-1200 MSS40-1200 MSS40-800 |
BACK TO BACK SCR MODULE
|
Comset Semiconductor
|
MG90V2YS40 |
WIRE, ETFE, TEFZEL, 14AWG, WHITE, 100M; Area, conductor CSA:1.675mm2; Conductor make-up:37/0.250; Voltage rating, AC:600V; Current rating:23A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba Corporation Toshiba Semiconductor
|
550-XX05 550-0405 550-3005 |
5mm LED CBI, SO BACK HOUSING 5毫米的LED中缅印战区,所以返回房 5mm LED CBI, SO BACK HOUSING T-1 3/4 SINGLE COLOR LED, RED, 5 mm 5mm LED CBI, SO BACK HOUSING T-1 3/4 DUAL COLOR LED, RED/GREEN, 5 mm
|
Dialight PLC
|
LTC1771EMS8 LTC1771 LTC1771I LTC1771IS8 LTC1771ES8 |
Octal D-Type Edge-Triggered Read-Back Latches 24-SOIC 0 to 70 1 A SWITCHING CONTROLLER, PDSO8 Octal D-Type Edge-Triggered Read-Back Latches 24-PDIP 0 to 70 低静态电流高效率降压DC / DC控制 From old datasheet system Low Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp. LINER[Linear Technology]
|
MYS40 MYS250 MYS80 MYS125 |
Surface Mount Si-Bridge Rectifiers WIRE, ETFE, TEFZEL, 14AWG, BLACK, 100M; Area, conductor CSA:1.675mm2; Conductor make-up:37/0.250; Voltage rating, AC:600V; Current rating:23A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes Patch Panel; Mounting Type:2U; Body Material:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 0.5 A, 160 V, SILICON, BRIDGE RECTIFIER DIODE
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
VIPER50/SP VIPER50A/ASP |
SMPS PRIMARY I.C.
|
STMicroelectronics
|
VIPER20A-E VIPER20ADIP-E VIPER20ASP-E VIPER20A-22- |
SMPS primary I.C.
|
STMicroelectronics
|
VIPER50-22-E VIPER50-E |
SMPS PRIMARY I.C.
|
意法半导 STMicroelectronics
|
F-3143XP-13 |
PC Mount: Dual Primary
|
TRIAD MAGNETICS
|
L599101 L5991D L5991 L5991A L5991AD L5991D013TR L5 |
PRIMARY CONTROLLER WITH STANDBY PRIMARY CONTROLLER WITH STANDBY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
RM0029 |
The primary objective of this document
|
STMicroelectronics
|