PART |
Description |
Maker |
M65609ENBSP M65609E MMDJ-65609EV-40 MMDJ-65609EV-4 |
Rad Hard 3.3 Volt 128Kx8 Very Low Power CMOS SRAM From old datasheet system Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
|
ATMEL Corporation
|
RHRXH162374K-02Q RHRXH162374K-02V RHRXH162374K-01Q |
Rad hard low voltage CMOS 16-bit D-type Flip-Flop with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|
RHRXH162245K-02V 54VCXH162245 RHFXH162245K-01Q RHF |
Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
|
STMICROELECTRONICS[STMicroelectronics]
|
RHRXHR162245K-01Q RHRXHR162245K-01V RHRXHR162245K- |
Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6V tolerant inputs and outputs
|
STMicroelectronics
|
BW1221L3CLK |
Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs BW1221L_3CLK 1030MSPS三重援会|数据资料
|
Bourns, Inc.
|
BWR12/830D12 BWR12/830D48 BWR9/850D5 BWR12/625D5 |
Rad-hard 8-channel multiplexer (3-state) Rad-hard dual 4 channel multiplexer 3 state output Rad-hard octal D-type latch with 3 state output non inverting Rad-hard octal bus transceiver with 3 state outputs (non inverted) 模拟IC
|
STMicroelectronics N.V.
|
HS1-1840RH-8 HS1-1840RH-Q HS9-1840RH_SAMPLE HS1-18 |
16-CHANNEL, SGL ENDED MULTIPLEXER, CDIP28 Rad-Hard 16 Channel CMOS Analog Rad-Hard 16 Channel CMOS Analog 抗辐6通道CMOS模拟抗辐6通道CMOS模拟
|
INTERSIL CORP Intersil, Corp. Harris, Corp. HARRIS[Harris Corporation]
|
AT60142FT-DS17ESCC AT60142FT-DC17M-E AT60142FT-DS1 |
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
|
ATMEL Corporation
|
BWR-12/335-D5A BWR-5/700-D5A BWR-5/700-D48A BWR-15 |
12V 7-10W, dual output DC/DC converter DC-DC Converter, (4.7 to 7.25) V to (-12|12) V Rad-hard 4 to 16 line decoder/latch Rad-hard 3 to 8 line decoder latch Rad-hard octal bus buffer with 3 state outputs (non inverted) 型DC - DC电压转换 Rad-hard 8-input NAND gate 型DC - DC电压转换 Rad-hard octal bus buffer with 3 state outputs (inverted) 型DC - DC电压转换
|
Datel, Inc. Air Cost Control RECOM Electronic GmbH Electronic Theatre Controls, Inc.
|
RHFL7913A11 RHFL7913KPA-02V |
Rad-Hard 2.0A adjustable negative Vreg Rad-hard adjustable negative voltage regulator
|
ST Microelectronics STMicroelectronics
|
930105202 AT83C21GCXXX-PURUL AT7908E AT7908EJL-E A |
Rad Hard 512K x 8 Very Low Power CMOS SRAM GemCore Serial Lite PRO CAN Controller for Space Application
|
ATMEL Corporation
|
IRHF7330SE |
N-Channel Single Event Effect (SEE) Rad Hard HEXFET Transistor(N 娌?? ???浠舵?搴?Rad Hard HEXFET????朵?绠々
|
International Rectifier
|