PART |
Description |
Maker |
MB85RS256 MB85RS256PNF-G-JNE1 |
Memory FRAM CMOS 256 K (32 K 隆驴 8) Bit SPI Memory FRAM CMOS 256 K (32 K × 8) Bit SPI
|
Fujitsu Media Devices Limited Fujitsu Component Limited.
|
MB85R1002A |
Memory FRAM CMOS 1 M Bit (64 K x 16)
|
Fujitsu Component Limited.
|
MB85R1002 MB85R1002BGT-GE1 MB85R1002PFTN-GE1 MB85R |
Memory FRAM CMOS 1 M Bit (64 K × 16) Memory FRAM CMOS 1 M Bit (64 K 隆驴 16) Memory FRAM CMOS 1 M Bit (64 K 】 16)
|
Fujitsu Component Limited. Fujitsu Media Devices Limited
|
FM25L256-S FM25L256 FM25L256-DG FM25L256-G FM25L25 |
4Kb FRAM Serial 3V Memory From old datasheet system 256Kb FRAM Serial 3V Memory
|
Electronic Theatre Controls, Inc. N.A. ETC List of Unclassifed Manufacturers
|
MB85R2002PFTN-GE1 MB85R2002 MB85R200209 |
Memory FRAM CMOS 2 M Bit (128 K 隆驴 16) Memory FRAM CMOS 2 M Bit (128 K ? 16) Memory FRAM CMOS 2 M Bit (128 K × 16)
|
Fujitsu Component Limited.
|
AM7200-35RC AM7200-35JC AM7200-35PC AM7200-50JC AM |
HIGH DENSITY FIRST-IN FIRST-OUT (FIFO) 256 X 9-BIT CMOS MEMORY 256 X 9 OTHER FIFO, 25 ns, PDIP28 HIGH DENSITY FIRST-IN FIRST-OUT (FIFO) 256 X 9-BIT CMOS MEMORY 256 X 9 OTHER FIFO, 50 ns, PDIP28 Circular Connector; No. of Contacts:13; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No JT 13C 13#22D PIN WALL RECP
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
AM29LV400B AM29LV400BB120EC AM29LV400BB120ECB AM29 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FEEDTHRU CAPACITOR, 47PF 3A 100VFEEDTHRU CAPACITOR, 47PF 3A 100V; Capacitance:0.047nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op. Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes Am29LV400B KGD (Known Good Die Supplement) INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 80% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 CAP CERM 2.2UF 4V X7R 0612 20% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc.
|
MB85R256PFTN MB85R256PF MB85R256 |
Memory FRAM(Ferroelectric Random Access Memory)
|
Fuji Electric Fujitsu Component Limited.
|
FM25040-P FM25040-S |
4Kb FRAM Serial Memory 4Kb FRAM Serial 3V Memory 4Kb的铁电串V的记
|
List of Unclassifed Manufacturers Ramtron International Electronic Theatre Controls, Inc.
|
AM29LV400B100WACB AM29LV400B150WACB AM29LV400B90RW |
4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 100ns 4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 150ns 4 Megabit (512 K x 8-bit/256 K x 16-bit) CMOS 3.0 volt-only boot sector flash memory, 90ns
|
Advanced Micro Devices
|
AM29LV200BB-70DFC AM29LV200BB-70DWI AM29LV200BB-90 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 70 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 90 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 60 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区快闪记忆体,修编模具1 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位56x 8-Bit/128x 16位).0伏的CMOS只,引导扇区快闪记忆体,修编模具1 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 120 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区快闪记忆体,修编模具1 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位56亩x 8-Bit/128亩x 16位)3.0伏的CMOS只,引导扇区快闪记忆体,修编模具1
|
Advanced Micro Devices, Inc.
|
S29CD032G S29CD032G0JFAI000 S29CD032G0JFAI002 S29C |
CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY From old datasheet system 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
SPANSION[SPANSION]
|