PART |
Description |
Maker |
M22-5320205 M22-5320246 M22-5322546 M22-5322505 M2 |
2.00 mm PITCH DIL SMT PIN HEADER ASSEMBLY 2.00mm Pitch DIL Vertical SMT Pin Header, gold, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 2.00mm Pitch DIL Vertical SMT Pin Header, tin, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
M50-350XXXX |
1.27MM PITCH DIL VERTICAL PIN HEADER
|
Harwin Plc
|
M50-3121545 M50-3122545 M50-3123045 M50-3125045 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
M402F2-8005R |
0.5mm Pitch DIL Vertical SMT Female Assembly
|
Harwin
|
M50-3155042 M50-3150342 |
1.27 mm PITCH DIL SMT VERTICAL LOW-PROFILE SOCKET ASSEMBLY
|
Harwin Plc
|
M50-4302445 M50-4903845 M50-4903045 M50-4302845 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 28 28-way 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 5 5-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-360-142 M50-36011 M50-3601142 M50-3603042 |
1.27mm Pitch DIL Vertical SMT Pin Header, selective gold tin, 11 11-way 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, selective gold tin, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
M22-2022646 M22-2023905 M22-2023046 M22-2020205 M2 |
2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 26 26-way 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 39 39-way 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 29 29-way 58 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 12 12-way 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC Ecliptek, Corp.
|
MSV701A MSV301A MSV601A MSV101E MSV101 MSV101A MSV |
2.54mm Pitch DIL Vertical PC Tail Pin Header, 6.1mm mating pin height, tin, 8 8-way BIDIRECTIONAL VARISTORS SILICON, STABISTOR DIODE, DO-201AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
M22-6362146 M22-6361146 |
2.00mm Pitch DIL Vertical SMT Socket Assembly, low profile pegs, tin, 21 21-way 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2.00mm Pitch DIL Vertical SMT Socket Assembly, low profile pegs, tin, 11 11-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-3200345 M50-3204045 M50-320XX45 |
1.27 mm PITCH DIL SIDE ENTRY SOCKET ASSEMBLY 1.27MM PITCH DIL SIDE ENTRY SOCKET ASSY
|
Harwin Plc
|
|