PART |
Description |
Maker |
AD8009AR-REEL7 AD8009JRT-REEL |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Amplifier. Other 放大器。其
|
Analog Devices, Inc.
|
ADC-800 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 15-BIT PLUS SIGN A/D CONVERTER WITH MICROPROCESSOR INTERFACE
|
ETC List of Unclassifed Manufacturers
|
LT1171HVIQTRPBF LT1172HVCQPBF LT1172HVCQTRPBF LT11 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 SMPS Controller 开关电源控制器 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1956EGN-5TRPBF LT1956EFE-5PBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LT1765EFE-2.5PBF LT1765EFETR LT1765EFE-1.8TRPBF LT |
Monolithic 3A, 1.25MHz Step-Down Switching Regulator 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
LINEAR TECHNOLOGY CORP
|
AD7492AR AD7492ARU-5 AD7492BR AD7492BRU-5 AD749201 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC IC,A/D CONVERTER,SINGLE,12-BIT,SOP,24PIN 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS A/D CONVERTER A / D转换 500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 的A / D转换
|
Analog Devices Inc NEC, Corp. Electronic Theatre Controls, Inc.
|
MIC4690 MIC4690BM |
150000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 500kHz 1A SuperSwitcher Buck Regulator 500kHz 1A SuperSwitcherTM Buck Regulator
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LT1371HVIT7PBF |
500kHz High Efficiency 3A Switching Regulator
|
Linear Technology
|
LT1371 LT1371CR LT1371CSW LT1371CT7 LT1371HV LT137 |
From old datasheet system 500kHz High Efficiency 3A Switching Regulator
|
LINER[Linear Technology]
|
MP1497 MP1497DJ |
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
|
Monolithic Power Systems
|