PART |
Description |
Maker |
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
AD860103 AD8602DRM-REEL AD8601ART-REEL7 AD8601DRT- |
DigiTrim™ Dual Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
|
Analog Devices
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
MSV358 MSV358GTR MSV358MGTR MSV358MGU MSV358GU |
Rail-to-Rail Output, General Purpose Dual OPA, Low Voltage, Low Supply current
|
MOSA ELECTRONICS
|
UTCLMV358 |
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
|
UTC[Unisonic Technologies]
|
MAX9944ASA MAX9943ATT MAX9943AUA MAX9944ATA MAX994 |
High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
|
Maxim Integrated Products
|
LMV321 LMV358DMR2G LMV358DR2G LMV358 |
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
|
ON Semiconductor
|
LV2622G-S08-R LV2622G-S08-T LV2622L-S08-R |
250μA, 3MHZ, LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
|
Unisonic Technologies
|
LMV32110 |
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
|
Diodes Incorporated
|
LMV931 LMV931SN3T1G LMV931SQ3T2G LMV932DMR2G |
Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
|
ON Semiconductor
|
FAN4114 |
General Purpose, Low Voltage, Rail-to-Rail Output Amplifier From old datasheet system
|
Fairchild Semiconductor
|