PART |
Description |
Maker |
85013-3081 0850133081 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0μm (39μ) Selective Gold (Au), 96 Circuits 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0渭m (39渭) Selective Gold (Au), 96 Circuits 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0楼矛m (39楼矛) Selective Gold (Au), 96 Circuits
|
Molex Electronics Ltd.
|
36509-0032 MM-B2500-R913 0365090032 |
2.54mm (.100) Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60楼矛m (24楼矛") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
0365840002 365840002 36584-0002 |
2.54mm (0.100) Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Solder Type, 0.8μm (30μ) Selective Gold (Au), 160 circuits 2.54mm (0.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Solder Type, 0.8渭m (30渭") Selective Gold (Au), 160 circuits 2.54mm (0.100") Pitch DIN 41612 Receptacle, Right Angle, Through Hole, Solder Type, 0.8楼矛m (30楼矛") Selective Gold (Au), 160 circuits
|
Molex Electronics Ltd.
|
85003-0610 0850030610 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1μm (40μ) Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1渭m (40渭") Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1楼矛m (40楼矛") Selective Gold (Au), 64 Circuits, Lead free
|
Molex Electronics Ltd.
|
36511-0098 0365110098 MMB1501R963 MM-B1501-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 2.90mm (.114), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 2.90mm (.114"), 64 Circuits
|
Molex Electronics Ltd.
|
0850032763 85003-2763 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25μm(10μ) Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole ,0.25楼矛m(10楼矛") Selective Gold (Au), 64 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
85042-1330 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-3548 0850423548 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850030165 85003-0165 |
2.54mm (.100") Pitch DIN 41612 Header, Style C, Vertical, Through Hole, 0.6渭m (24渭")Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Style C, Vertical, Through Hole, 0.6μm (24μ)Selective Gold (Au), 64 Circuits, Lead free
|
Molex Electronics Ltd.
|
0365000122 36500-0122 MM-B2502-C963 |
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100) Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
|