PART |
Description |
Maker |
2202316 |
Component housing - HS LC-H-D2/ R2XC1-2,54
|
PHOENIX CONTACT
|
1-1337426-0 |
BNC STRAIGHT PLUG CRIMP 50 OHM BNC; BNC Str Plg Hex 50Ohm Nickel Pltd RG58C/ ( Greenpar )
|
Tyco Electronics
|
8050AH P8749H P8748H 8039AHL 8035AHL 8049AH 8040AH |
HMOS single-component 8-bit microcontroller, programmable ROM = 1K x 8, 64 x 8 data memory HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER HMO的单分量8位微控制 IGBT Modules up to 1200V Chopper; Package: PG-TQFP-100; Max Clock Frequency: 20.0 MHz; SRAM (incl. Cache): 6.0 KByte; CAN Nodes: 0; A / D input lines Hmos Single-Component 8 Bit Microcontroller
|
Intel, Corp. Intel Corp. INTEL[Intel Corporation] http://
|
71600-Y40LF 71600-060LF 71600-Y04LF 71600-Y06LF 71 |
QUICKIE III FEM 0.76,UM Au QUICKIE III FEM 0.76um Au
|
FCI connector
|
13-10-1TSSFORUR70CABLE75OHM 13-10-1TSSFORRG58UCABL |
ADAPTER BNC KUPPLUNG/TNC STECKER BNC PLUG-UHF JACK Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset ADAPTER MINI UHF KUPPLUNG/BNC STECKER BUCHSE BNC PCB GERADE RUND BUCHSE FLANSCH BNC 50 OHM GEHAEUSEKUPPLER BNC 50 OHM 4MM PANEL ADAPTER N STECKER/F BUCHSE 75 OHM BUCHSE BNC PCB ISOLIERT ELLBOGEN 50 OHM BUCHSE BNC PCB GERADE SOCKEL DURCHFUEHRUNGSKUPPLUNG BNC 50 OHM ADAPTER BNC STECKER/N KUPPLUNG ADAPTER BNC STECKER/TNC KUPPLUNG BNC STECKER/CINCH KUPPLUNG ADAPTER BNC STECKER/F KUPPLUNG BUCHSE BNC PCB VOLLMETALL ELLBOGEN 50OHM BUCHSE BNC PCB ISOLIERT GERADE 50 OHM ADAPTER N BUCHSE/F STECKER 75 OHM ADAPTER BNC WINK STECKER KUPPLUNG 50 OHM ADAPTER BNC DOPPELWINKEL GERADE 50 OHM KABELSTECKER BNC GERADE 75 OHM RG59 ADAPTER N STECKER/SMA BUCHSE 50 OHM KABELKUPPLER BNC TWIST ON 75 OHM PLUG BNC PANEL 50R GEHAEUSEKUPPLER BNC 50 OHM 9MM PANEL ADAPTER MINI UHF STECKER/TNC KUPPLUNG BUCHSE EINBAU F 75 OHM FRONT BUCHSE PCB F 75 OHM PLUG BNC CRIMP 75R 2003 NICKEL CROCODILE CLIPS RED PLUG BNC ELBOW 75R MINI-UHF JACK-TNC PLUG KABELKUPPLER BNC TWIST ON 50 OHM DURCHFUEHRUNGSKUPPLUNG BNC 75 OHM ADAPTER MINI UHF STECKER/BNC KUPPLUNG SMA PLUG -N PLUG PLUG BNC 50R JACK BNC CRIMP 75R JACK BNC B/H 50R PLUG BNC 75R JACK BNC 50R JACK BNC CRIMP 50R STECKER F 75 OHM STECKER BNC TWIST ON 75 OHM STECKER BNC TWIST ON 50 OHM CRIMPSTECKER BNC 50 OHM RG58 PLUG BNC CRIMP 75R 插头插头压接75R PLUG BNC CRIMP 50R 插头插头压接50R PLUG N 50 R 插销N 50个研 CRIMPSTECKER MINI UHF CRIMPSTECKER迷你超高 ADAPTER N STECKER/TNC BUCHSE 50 OHM 适配 STECKER /跨国公司比克0欧姆 PLUG BNC CRIMP 75R UR70 NICKEL 插头插头5R UR70 JACK BNC B/H CRIMP 50R 插座插头小时0R BNC JACK-UHF PLUG BNC插座,超高频插头 KABELSTECKER BNC ELLBOGEN 50 OHM RG58 KABELSTECKER插头ELLBOGEN 50欧姆RG58 KABELSTECKER BNC GERADE 50 OHM RG58 KABELSTECKER插头收听50欧姆RG58 SOCKET BNC B/H 50R 插座插头小时50R Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset
|
Chipcon Sharp Electronics, Corp. Jameco Electronics 3M Company Honeywell International, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc.
|
94030-4941 94030-4201 94030-4200 94030-4531 94030- |
FEM TERM 2.8/0.5 BRS TIN 005-02 0.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL FEM TERM 2.8/0.8 BRS TIN 025-05 0.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL FEM TERM 2.8/0.8 BRS UNPL 025-05 0.5 mm2, BRASS, PUSH-ON TERMINAL FEM TERM 4.8/0.5 BRS TIN 05-1 1 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL FEM TERM 2.8/0.8 BRS TIN 05-1.5 1.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL HRT FEM TERM BRASS UNPL 05-1.0 1 mm2, BRASS, PUSH-ON TERMINAL
|
Molex, Inc.
|
PE3450LF |
CABLE ASSEMBLY RG213/U BNC MALE TO BNC FEMALE BULKHEAD
|
Pasternack Enterprises,...
|
1274566-3 |
BNC; PLUG KIT, RIGHT ANGLE, MINI BNC ( Tyco Electronics )
|
Tyco Electronics
|
414284-2 |
Decoupled BNC; JACK,DECOUPLER,RTANG,BNC PCB ( AMP )
|
Tyco Electronics
|
1-1337430-0 |
BNC; BNC Str Plg Hex 50Ohm Silver Pltd RG174A ( Greenpar )
|
Tyco Electronics
|
PE6008-50 |
BNC MALE TO BNC FEMALE,FEEDTHRU TERMINATION FREQUENCY RANGE:DC1 GHz
|
Pasternack Enterprises, Inc.
|