PART |
Description |
Maker |
HGT1S20N60C3S HGTG20N60C3 HGTP20N60C3 G20N60C3 HGT |
45 A, 600 V, UFS N-Channel IGBT Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0654-6 53 45 A, 600 V, N-CHANNEL IGBT, TO-263AB 45A, 600V, UFS Series N-Channel IGBT 5A00V的,的ufs系列N沟道IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MGP11N60ED_D ON1850 MGP11N60ED ON1849 |
IGBT IN TO-220 11 A @ 90C15 A @ 25C 600 VOLTS From old datasheet system SHORT CIRCUIT RATED LOW ON-VOLTAGE 15 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
ON Semiconductor
|
STGW30NC60KD |
60 A, 600 V, N-CHANNEL IGBT, TO-247 30 A - 600 V - short circuit rugged IGBT
|
STMicroelectronics
|
APT50GT60BR APT50GT60SRG APT50GT60BRG |
Thunderbolt IGBT Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: TO-247 [B]; BV(CES) (V): 600; VCE(sat) (V): 2; IC (A): 52; 110 A, 600 V, N-CHANNEL IGBT, TO-247AD
|
Microsemi Corporation http:// Microsemi, Corp.
|
IRG4PC50U IRG4PC50U-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD 55 A, 600 V, N-CHANNEL IGBT, TO-247AC 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.65V的,@和VGE \u003d 15V的,集成电路\u003d 27A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IXGR50N60B2D1 IXGR50N60B2 |
IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT 68 A, 600 V, N-CHANNEL IGBT ISOPLUS247, 3 PIN
|
IXYS, Corp.
|
CM50DY-12H |
Dual IGBTMOD 50 Amperes/600 Volts 50 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
CM75BU-12H |
Four IGBTMOD 75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
RJH60D0DPK RJH60D0DPK-00-T0 |
Silicon N Channel IGBT Application: Inverter 40 A, 600 V, N-CHANNEL IGBT
|
Renesas Electronics Corporation
|
RJH60D0DPM RJH60D0DPM-00-T1 |
Silicon N Channel IGBT Application: Inverter 45 A, 600 V, N-CHANNEL IGBT
|
Renesas Electronics Corporation
|
IXSP24N60B |
48 A, 600 V, N-CHANNEL IGBT, TO-220AB TO-220, 3 PIN High Speed IGBT
|
IXYS, Corp. IXYS Corporation
|
APT100GF60JU3 |
ISOTOP Buck chopper NPT IGBT 120 A, 600 V, N-CHANNEL IGBT
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|