PART |
Description |
Maker |
BQ-N334RD |
0.30(7.60MM) FOUR DIGIT LED DISPLAY 0.30.60MM)四个数字LED显示
|
Bright LED Electronics, Corp. Bright LED Electronics Corp.
|
PI3B16861 PI3B16861A PI3B16861B PI3B16861V PI3B168 |
3.3V, 20-Bit, 2-Port NanoSwitch? 3.3V, 20-Bit, 2-Port NanoSwitch⑩ 3.3V, 20-Bit, 2-Port NanoSwitch??/td>
| -
|
Pericom Semiconductor C... Pericom Semiconductor Corporation
|
F1740-3800 F1740-447-3820 F1740-427-3800 F1740-427 |
Suppression Capacitors for Washing Machines/Dishwashers Class X1/Y2 AC 275V/250V 抑制电容器洗衣机/洗碗机类X1/Y2交流275V/250V XTAL MTL T/H HC49/US Class X1 - AC275V; Class Y2 - AC250V
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
K103K10X7RF5UH5 |
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
MG75Q2YS51 E002416 |
24-Port Wireless Switch; Approval Categories:UL, EN & IEC: 60950-I; EMC FCC Part 15 Class B, EN 300386; Data Rate:54Mbps; External Depth:15.5"; External Height:1.7"; External Width:17.3" RoHS Compliant: Yes N通道IGBT的(大功率开关,马达控制应用 24-Port Wireless Switch; Approval Categories:UL, EN & IEC: 60950-I; EMC FCC Part 15 Class B, EN 300386; Data Rate:54Mbps; External Depth:15.5 HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS From old datasheet system N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
|
Toshiba, Corp. Toshiba Corporation Toshiba Semiconductor
|
TDA8920C09 TDA8920C TDA8920CJ TDA8920CTH TDA8920CJ |
2 垄楼 110 W class-D power amplifier 2 麓 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 x 110 W class-D power amplifer, SOT411-1 (DBS23P), Tube 110 W, 2 CHANNEL, AUDIO AMPLIFIER, PZFM23 2 X 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 X 110 W class-D power amplifier
|
NXP Semiconductors N.V.
|
MAX97000 MAX97000EWA |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
|
Maxim Integrated Products
|
MAX97001EWP MAX97001 |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
|
Maxim Integrated Produc... Maxim Integrated Products
|
MAX97002EWP |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
|
Maxim Integrated Products
|
MAX5987A MAX5986AETE MAX5986B MAX5986BETE MAX5986A |
IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, PDs with Integrated DC-DC Converter
|
Maxim Integrated Products
|
QSH6018-56-28-165 QSH6018-86-28-310 QSH6018 QSH601 |
60mm/NEMA24 1.8隆?stepangle high torque hybrids tepper motor 60mm/NEMA24 1.8掳stepangle high torque hybrids tepper motor 60mm/NEMA24 1.8°stepangle high torque hybrids tepper motor
|
TRINAMIC Motion Control... TRINAMIC Motion Control GmbH & Co. KG.
|