PART |
Description |
Maker |
MAX3370EXKT |
1µA, 2Mbps, Low-Voltage Level Translators in SC70 and µDFN
|
MAXIM - Dallas Semiconductor
|
MAX153CPPCGP |
1Msps, µP Compatible, 8-Bit ADC with 1µA Power Down
|
MAXIM - Dallas Semiconductor
|
2-794622-4 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 24POS MICRO MNL ASSY,R/A,SMT ( AMP )
|
Tyco Electronics
|
MAX6388XS16D3T MAX6383LT17D6 MAX6383LT17D6T MAX638 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
MAXIM - Dallas Semiconductor
|
3-794680-4 1-1445095-1 TYCOELECTRONICS-1-794617-8 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 04P MICRO MNL ASSY,VRT,THRU LF ( AMP ) 3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; MICRO MNL HDR ASSY SINGLE ROW ( AMP )
|
Tyco Electronics
|
S3C2510A S3C2510 |
IC,MICROPROCESSOR,32-BIT,CMOS,BGA,416PIN,PLASTIC 16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
|
Samsung Electronics Inc Samsung semiconductor
|
1451320210 |
Micro-Fit TPA-to-Micro-Fit TPA Off-the-Shelf (OTS) Cable Assembly, Single Row, 1.0m
|
Molex Electronics Ltd.
|
LWY2SG-VHAF-EKJM-1 LWY2SG |
Micro SIDELED? 0.8mm long life Micro SIDELED垄莽 0.8mm long life Micro SIDELED㈢ 0.8mm long life
|
OSRAM GmbH
|
DG3000DB-T1 DG3000DB-T1-E1 DG300008 |
Low-Voltage Single SPDT MICRO FOOT?Analog Switch Low-Voltage Single SPDT MICRO FOOT庐Analog Switch Low-Voltage Single SPDT MICRO FOOT㈢Analog Switch
|
Vishay Siliconix
|
279.400 279.4 279.6 278.3 279.001 279.002 279.062 |
MICRO fuse, very fast-acting type. Plug-in. Ampere rating 3/10. Nominal resistance cold 1.25 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/8. Nominal resistance cold 1.0 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 3. Nominal resistance cold 0.0275 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/10. Nominal resistance cold 1.25 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Radial lead. Ampere rating 2 Nominal resistance cold 0.0425 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 7/10. Nominal resistance cold 0.324 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/500. Nominal resistance cold 2200 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Radial lead. Ampere rating 1. Nominal resistance cold 0.0880 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 5. Nominal resistance cold 0.0156 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1 1/2. Nominal resistance cold 0.0578 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/64. Nominal resistance cold 44.0 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 3/4. Nominal resistance cold 0.293 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/32. Nominal resistance cold 16.0 Ohms. Voltage rating 125. Military QPL type (FM02). Axial Lead and Cartridge Fuses 轴向引线保险丝和墨盒 MICRO fuse, very fast-acting type. Plug-in. Ampere rating 4/10. Nominal resistance cold 0.227 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 8/10. Nominal resistance cold 0.271 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/16. Nominal resistance cold 2.32 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Radial lead. Ampere rating 1 1/2. Nominal resistance cold 0.0578 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1. Nominal resistance cold 0.0880 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Radial lead. Ampere rating 1 Nominal resistance cold 0.0880 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 4. Nominal resistance cold 0.0202 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/100. Nominal resistance cold 80.0 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/200. Nominal resistance cold 280.0 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Plug-in. Ampere rating 2. Nominal resistance cold 0.0425 Ohms. Voltage rating 125. Military QPL type (FM02). MICRO fuse, very fast-acting type. Radial lead. Ampere rating 2. Nominal resistance cold 0.0425 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Radial lead. Ampere rating 3. Nominal resistance cold 0.0275 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Radial lead. Ampere rating 4. Nominal resistance cold 0.0202 Ohms. Voltage rating 125. MICRO fuse, very fast-acting type. Plug-in. Ampere rating 1/20. Nominal resistance cold 3.20 Ohms. Voltage rating 125. Military QPL type (FM02). Axial Lead and Cartridge Fuses
|
LITTELFUSE[Littelfuse] Littelfuse, Inc. http://
|
ACTPD1M16 ACT-PD1M16W-070L4T ACT-PD1M16W-070L4I AC |
MICRO D68 M/MICRO D68 M 5FT 行为PD1M16快速页面模6兆DRAM的塑料单 PREMIUM VGA CABLE W/AUDIO10FT, HD15 & 3.5MM M-M 行为PD1M16快速页面模6兆DRAM的塑料单 PREMIUM VGA CABLE W/AUDIO15FT, HD15 & 3.5MM M-M 行为PD1M16快速页面模6兆DRAM的塑料单 CAT5E PATCH CORD 1 FOOT GREEN 6 PIN MINI DIN CABLE MM 25FT 6 PIN MINI DIN CABLE MF 50FT CAT5E PATCH CORD 100MHZ 2 FOOT GREEN MICRO D68 M/MICRO D68 M 5FT SCSI-3 FAST WIDE 6 FT CABLE PREMIUM VGA CABLE W/AUDIO15FT, HD15 & 3.5MM M-M PREMIUM VGA CABLE W/AUDIO10FT, HD15 & 3.5MM M-M ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
75730-0104 75730-0106 75730-0108 75730-0110 75730- |
Micro-Max Power垄芒 High-Current Header Micro-Max Power High-Current Header
|
Molex Electronics Ltd.
|