PART |
Description |
Maker |
RT8008-25PJ5 |
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter 1.5MHz的,600mA,高效率的PWM降压型DC / DC转换
|
Richtek Technology, Corp.
|
RT8008 RT8008-15PB RT8008-15PJ5 RT8008-12PB RT8008 |
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
|
Richtek Technology Corp... Richtek Technology Corporation Richtek Technology Corporat...
|
AS1333-BWLT AS1333 |
650mA, Step Down DC/DC Converter for Portable Applications
|
austriamicrosystems AG
|
5S12.080SIP |
IC CONV DC-DC STEP UP 4.5 TO 5.5VIN 4SIP
|
Calex Electronics Limited
|
SC220 |
20MHz, 650mA, X-EMI?Enabled Synchronous Step-Down Regulator
|
Semtech Corporation
|
LTC3523 LTC3523-2 |
Synchronous 600mA Step-Up And 400mA Step-Down DC/DC Converters
|
Linear Technology Corporation
|
MAX1700/MAX1701 |
1-Cell to 3-Cell High-Power (1A) Low-Noise Step-uP DC-DC Conv
|
Maxim Integrated Products, Inc.
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
MAX731-MAX752 MAX732CPA MAX732CWA MAX732EPA MAX732 |
5V Adjustable CMOS Step Up Current Mode DC-DC Conerter(5V,无外部MOSFET,步升,PWM DC-DC变换 5V、升压型、电流模式PWM DC-DC转换 5V, Step-Up, Current-Mode, PWM DC-DC Converter 5V/Adjustable Step-Up Current-Mode DC-DC Converters 5V/Adjustable升压电流模式的DC - DC转换
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AATIAN16 |
600mA Step-Down Converter
|
SiGe Semiconductor, Inc. SiGe Semiconductor, Inc...
|
EL7534IY EL7534IY-T7 EL7534IYZ-T13 EL7534IYZ-T7 EL |
Monolithic 600mA Step-Down Regulator
|
INTERSIL[Intersil Corporation]
|
AAT1106ICB-0.6-T1 AAT1106ICB-1.5-T1 AAT1106ICB-1.8 |
600mA Step-Down Converter 600mA降压转换
|
Advanced Analogic Technologies, Inc. Advanced Analog Technology, Inc.
|