PART |
Description |
Maker |
M80-8872001 M80-8872005 M80-88720T6 M80-8872601 M8 |
DATAMATE 2mm PITCH DIL VERTICAL PC TAIL SOCKET ASSEMBLY
|
Harwin Plc
|
M80-8891001 M80-8891005 M80-8893405 M80-88918T6 M8 |
DATAMATE 2mm PITCH CRIMP DIL SOCKET ASSEMBLY LARGE BORE (22 AWG)
|
Harwin Plc
|
M80-8241822 M80-8241645 M80-8243445 |
Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5000422 M80-5000442 M80-5000405 M80-5005042 M8 |
JACKSCREW DATAMATE DIL VERTICAL PC TAIL MALE ASSEMBLY
|
Harwin Plc
|
M80-4055001 M80-4055005 |
JACKSCREW DATAMATE DIL VERTICAL PC-TAIL FEMALE REVERSE FIX
|
Harwin Plc
|
M80-5L10542MD |
DATAMATE MIX-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY
|
Harwin Plc
|
M80-8630842 M80-8633442 M80-8633445 M80-8631645 M8 |
DATAMATE DIL VERTICAL PC TAIL PLUG ASSEMBLY FRICTION LATCHED (RoHS)
|
Harwin Plc
|
M80-5T10642B1 M80-5T12042B1 M80-5T12642B1 M80-5T11 |
DATAMATE J-TEK DIL VERTICAL 2.7mm PC-TAIL MALE ASSY WITH METAL BACKSHELL
|
Harwin Plc
|
M80-8394442 M80-8394445 M80-8392642 M80-8392645 M8 |
DATAMATE DIL HORIZONTAL PC TAIL PLUG ASSEMBLY FRICTION LATCHED (RoHS) DATAMATE DIL HORIZONTAL PC TAIL PLUG ASSEMBLY FRICTION LATCHED (RoHS)
|
Harwin Plc http://
|
M80-4022001P M80-4021005P M80-4020605P M80-4024205 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, with jackscrews, 10 10-way, pick & place cap 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, with jackscrews, 5 5-way, pick & place cap 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, with jackscrews, 3 3-way, pick & place cap 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, with jackscrews, 21 21-way, pick & place cap
|
Harwin PLC HARWIN INC
|
M80-4121405 M80-4122242 M80-4120642 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, no jackscrews, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, no jackscrews, 11 11-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, no jackscrews, 3 3-way 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
|