PART |
Description |
Maker |
GS8322Z18B-166I GS8322Z18B-225 GS8322Z18B-225I GS8 |
166MHz 8.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM 225MHz 6.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM 133MHz 11ns 2M x 18 36Mb NBT pipelined/flow through SRAM 150MHz 10ns 2M x 18 36Mb NBT pipelined/flow through SRAM 200MHz 7.5ns 2M x 18 36Mb NBT pipelined/flow through SRAM
|
GSI Technology
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
GS8320Z36T-166V GS8320Z36T-133V GS8320Z36T-166VT G |
36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 7 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 8.5 ns, PQFP100 1M X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100 1M X 36 ZBT SRAM, 7 ns, PQFP100 ROHS COMPLIANT, TQFP-100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 6.5 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 5.5 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 6 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 7 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 8.5 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc. Electronic Theatre Controls, Inc.
|
GS8321ZV18 GS8321ZV32 GS8321ZV36E-250 GS8321ZV36E- |
36Mb NBT SRAMs 36Mb Pipelined and Flow Through Synchronous NBT SRAM
|
GSI[GSI Technology] ETC
|
GS8320ZV36T-200 GS8320ZV36T-133 GS8320ZV36T-133I G |
36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 6.5 ns, PQFP100 1M X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100
|
GSI Technology, Inc. http://
|
GS882Z18AB-250 GS882Z18AB-133 GS882Z18AD-133 GS882 |
250MHz 5.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 133MHz 8.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 166MHz 7ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 200MHz 6.5s 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
GS8161Z18BT-150I GS8161Z18BGT-150 GS8161Z32BD-150 |
18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 7.5 ns, PQFP100 18Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 32 ZBT SRAM, 7.5 ns, PBGA165 18Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 18 ZBT SRAM, 7.5 ns, PBGA165
|
GSI Technology, Inc.
|
IDT709159L6BF IDT709159L6PF IDT709159L6PF8 IDT7091 |
8K x 9 Sync, Dual-Port RAM, PipeLined/Flow-Through 16K x 9 Sync,Dual-Port RAM, PipeLined/Flow-Through
|
IDT
|
IDT70V9179L 70V9179_DS_12544 IDT70V9179L9PFI IDT70 |
64K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM From old datasheet system
|
IDT[Integrated Device Technology]
|
GS8162Z72C-200I GS8162Z72C GS8162Z72C-133 GS8162Z7 |
18Mb Pipelined and Flow Through Synchronous NBT SRAM
|
GSI[GSI Technology]
|