PART |
Description |
Maker |
IRLBA1304P IRLBA1304 |
HEXFET? Power MOSFET 40V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package HEXFET Power MOSFET(HEXFET 功率MOS场效应管)
|
International Rectifier
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
IRFBC40LC IRFBC40LCPBF IRFBG30PBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET HEXFET-R POWER MOSFET
|
IRF[International Rectifier]
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
IRFS9N60A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET SMPS MOSFET
|
Fairchild Semiconductor International Rectifier
|
IRF7726 IRF7726TR |
Ultra Low On-Resistance Power MOSFET(Vdss=-30V) HEXFET? Power MOSFET -30V Single P-Channel HEXFET Power MOSFET in a Micro 8 package
|
IRF[International Rectifier]
|
IRL3202S 2247 |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V的单个N -沟道HEXFET功率MOSFET的一项D2 - PAK封装 From old datasheet system HEXFET? Power MOSFET
|
International Rectifier, Corp.
|
IRFR9110TRL IRFU9110 IRFR9110 |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|