PART |
Description |
Maker |
44262-6422 0442626422 SD-44262-026 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Select Gold Strips over Tin (Sn) Over Nickel (Ni), 14-16
|
Molex Electronics Ltd.
|
44262-6410 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 10.03mm (.395)
|
Molex Electronics Ltd.
|
46007-7303 0460077303 |
7.50mm (.295) Pitch Sabre Header, Single Row, Right Angle, 3 Circuits, PC Tail Length 5.33mm (.210)
|
Molex Electronics Ltd.
|
0460075302 46007-5302 |
7.50mm (.295) Pitch Sabre Header, Single Row, Right Angle, 2 Circuits, PC Tail Length 5.33mm (.210) MOLEX Connector
|
Molex Electronics Ltd.
|
0460077302 SD-46007-001 |
7.50mm (.295) Pitch Sabre?/a> Header, Single Row, Right Angle, 2 Circuits, PC Tail Length 5.33mm (.210), with Snap-In Metal Pins, Tin (Sn) Plating 7.50mm (.295) Pitch Sabre Header, Single Row, Right Angle, 2 Circuits, PC Tail Length 5.33mm (.210), with Snap-In Metal Pins, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
0009931000 09-93-1000 3069-G10 |
3.96mm (.156) Pitch KK? Crimp Terminal Housing, Friction Ramp, 210 Circuits, Glow Wire Compatible 3.96mm (.156") Pitch KK庐 Crimp Terminal Housing, Friction Ramp, 210 Circuits, Glow Wire Compatible 3.96mm (.156") Pitch KK垄莽 Crimp Terminal Housing, Friction Ramp, 210 Circuits, Glow Wire Compatible
|
Molex Electronics Ltd.
|
0981221003 |
3.33mm / 4.20mm Pitch Hybrid Female Housing, Sealed, Right Slide Orientation
|
Molex Electronics Ltd.
|
98273-1005 |
3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
|
Molex Electronics Ltd.
|
0638275000 |
Hand Crimp Tool for IllumiMate 1.25mm Pitch Crimp Terminal, 28 AWG
|
Molex Electronics Ltd.
|
98816-1018 18508EV10M8 |
NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
|
Molex Electronics Ltd.
|
98817-1025 010005325 |
NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
|
Molex Electronics Ltd.
|
98817-1028 010008328 |
NSCC single part, Unsealed, 1.50mm, Female Housing, 3.33mm Pitch NSCC
|
Molex Electronics Ltd.
|
|