PART |
Description |
Maker |
VS003E4 |
BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE SSPD Series Silicon Bidirectional Diode Noise clamp for signal line (For low voltage, USB2.0)
|
Sanyo Semicon Device
|
PESD5V0S1BSF PESD5V0S1BSF315 |
Ultra low profile bidirectional low capacitance ESD protection diode 100 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
NXP Semiconductors
|
SDA4AK SDA2AK |
Bidirectional Clamping Diode Bidirektionale Begrenzer-Diode Surface mount bidirectional Clamping Diodes
|
Diotec Elektronische DIOTEC[Diotec Semiconductor]
|
GSOT05C-HT3-GS08 GSOT04C-HT3-GS08 GSOT12C-HT3-GS08 |
480 W, BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE 429 W, BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE 312 W, BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE 369 W, BIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
VISHAY SEMICONDUCTORS
|
JANTX1N6145A JAN1N6112A JANTX1N6148A |
BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
TVS二极- 瞬态电压抑 Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
SA60C51-E3 A7.5CA73-E3 |
500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC DIODE 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC, PLASTIC, DO-15, 2 PIN, Transient Suppressor
|
VISHAY SEMICONDUCTORS
|
PESD5V0L1BSF PCF8576DU/2DA/2 PCF8576DU/DA/2 PESD5V |
Ultra low profile bidirectional low capacitance Universal LCD driver for low multiplex rates 35 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
NXP Semiconductors
|
CD6274CA CD6275 CD6302CA 1.5KCD6.8C CD6272CA CD628 |
Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: LFCSP (5x5x.85mm) w/2.7exposed pad; No of Pins: 32; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: TBD 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CELLULAR DIE PACKAGE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 480 MHz, Single Supply, Triple 2:1, Buffered (G= 2) Multiplexer; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 5 Ω Max Ron, 4 - /8 - Channel ±15 V /12 V /± 5 V Multiplexers; Package: LFCSP (4x4mm, 2.50mm exposed pad); No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CMOS Low Voltage, 3 O 4-Channel Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 4-Channel, ±15 V/ 12 V iCMOS™ Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
1.5SMC300CA |
DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB, PLASTIC, SMC, 2 PIN, Transient Suppressor
|
Vishay Semiconductors
|
VISHAYSEMICONDUCTORS-P6SMB7.5CA-52 P6SMB75CA-E3 |
DIODE 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA, PLASTIC, SMB, 2 PIN, Transient Suppressor
|
Vishay Semiconductors
|
ET35 ET40 ET36B |
6-A, 3.3/5 Vin DC/DC Converter with Disabled Sinking During Startup DIAC (BIDIRECTIONAL DIODE THYRISTOR)|40V V(BO) MAX|25UA I(S)|TO-92 移民部(双向二极管晶闸管)| 40V的五(公报)最大| 25UA我(县)|92 DIAC (BIDIRECTIONAL DIODE THYRISTOR)|38V V(BO) MAX|25UA I(S)|TO-92 移民部(双向二极管晶闸管)| 38V的五(公报)最大| 25UA我(县)|92
|
Sullins Connector Solutions, Inc.
|
SDA4AK |
Bidirectional Clamping Diode Bidirektionale Begrenzer-Diode
|
DIOTEC[Diotec Semiconductor]
|
|