PART |
Description |
Maker |
SL-RS31-5 SL-RS31-6 SL-RS31-7 SL-RS31-L SL-RS41 SL |
SHIMANO Revo-Shift Lever
|
List of Unclassifed Manufacturers
|
0936013902 |
GWconnect STD - Standard, Single Lever Coupler, Die-cast Aluminum, with 1 Lever
|
Molex Electronics Ltd.
|
CD4021 CD4021BMS CD4014BMS FN3294 CD4021BDMSR |
4000/14000/40000 SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16 CMOS 8-Stage Static Shift Registers From old datasheet system
|
INTERSIL[Intersil Corporation]
|
M87C257 M87C257-10 M87C257-10C1TR M87C257-10C1X M8 |
ADDRESS LATCHED 256K (32K x 8) UV EPROM and OTP EPROM From old datasheet system SWITCH LEVER SPDT 1A SOLDER TERM Aluminum Electrolytic Capacitor; Capacitor Type:High Voltage; Voltage Rating:400VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-20 C to 105 C; Capacitance:33uF; Capacitance Tolerance: /- 20% RoHS Compliant: Yes TW Series Toggle Switch, 2 pole, 3 position, H58 terminal, Locking Lever ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Straight Lever Actuator, Solder Termination 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Straight Lever Actuator, Quick Connect Termination 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
HCF4021M013TR HCF4021 HCF4021B HCF4021BEY HCF4021B |
ASYNCHRONOUS PARALLEL IN OR SYNCHRONOUS SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER 异步平行或同步串串行输出8 -第一阶段静态移位寄存器 8-STAGE STATIC SHIFT REGISTERS 8-STAGE STATIC SHIFT REGISTERS
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LG413 |
With folder for lever installation
|
KODENSHI KOREA CORP.
|
7100MD9AV2BE 7101MD9AV2BE 7101MD9AV2QE |
Rocker and Lever Handle Switches
|
ITT Industries
|
UAA3220 UAA3220TS |
Frequency Shift Keying FSK/Amplitude Shift Keying ASK receiver
|
PHILIPS[Philips Semiconductors]
|
GP1S41 |
PHOTOINTERRUPTER WITH SPRING LEVER TYPE ACTUATOR
|
SHARP[Sharp Electrionic Components]
|
MC14562B MC14562BCL MC14562BD ON0934 MC14562BCP |
128-Bit Static Shift Register 4000/14000/40000 SERIES, 128-BIT RIGHT SERIAL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP14 128-Bit Static Shift Register 128位静态移位寄存器 128-Bit Static Shift Register 4000/14000/40000 SERIES, 128-BIT RIGHT SERIAL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP14 ORDERING INFORMATION From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|