PART |
Description |
Maker |
CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 C |
Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125 CMOS Quad Clocked “DLatch R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic CMOS Quad Clocked “D” Latch From old datasheet system CMOS Quad 3 State R/S Latches CMOS Quad Clocked D Latch CMOS Quad Clocked “D Latch
|
INTERSIL[Intersil Corporation]
|
ADG511TQ4 ADG511ABR-REEL ADG511TQ ADG511ABR ADG511 |
44V; 30-100mA; CMOS precision quad SPST switch. For battery-powered intruments, single supply systems, remote powered equipment, 5V supply systems LC-2MOS Precision 5V/3V Quad SPST Switches ±5V, 30 Ohm, Quad SPST (4NC) Switch LC2MOS Precision 5 V/3 V Quad SPST Switches(138.50 k) LCMOS Precision 5 V/3 V Quad SPST Switches a LC2MOS Precision 5 V/3 V Quad SPST Switches
|
Analog Devices
|
MAX312 MAX312CUE MAX312ESE MAX312CSE MAX314MJE MAX |
CLAMP 10 / Quad / SPST / CMOS Analog Switches 10 Quad SPST CMOS Analog Switches 10, Quad, SPST, CMOS Analog Switches 10? Quad, SPST, CMOS Analog Switches 8 PORT MODEM SHARING DEVICE SC CABLE, COAX, 9248, PER M; Impedance:75R; Conductor make-up:1/1.02mm; Diameter, External:6.86mm; Material, conductor:Copper; Material, primary insulation:Polyethylene; Coaxial cable type:RG6A/U; Alpha type number:9804C EQUIVALENT; RoHS Compliant: Yes 10з, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 10蟹, Quad, SPST, CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MC14066 MC14066B MC14066BCP MC14066BD MC14066BDR2 |
Replaced by TPS2300 : CompactPCI Hot Swap Power Manager Industrial Temp IC that meets the PICMG Standard 24-TSSOP -40 to 85 QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO14 Quad Analog Switch/Quad Multiplexer
|
ONSEMI[ON Semiconductor]
|
MC74HC32A MC74HC32AD MC74HC32ADR2 MC74HC32ADT MC74 |
Quad 2-Input OR Gate HC/UH SERIES, QUAD 2-INPUT OR GATE, PDSO14 Quad OR Gate Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
|
ONSEMI[ON Semiconductor]
|
MC14066B06 MC14066BCPG MC14066BDG MC14066BDR2G MC1 |
Quad Analog Switch/Quad Multiplexer Quad Analog Switch/Quad Multiplexer QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO14
|
ONSEMI[ON Semiconductor]
|
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
SP26LV431CN-L_TR SP26LV431EN-L SP26LV431 SP26LV431 |
QUAD LINE DRIVER, PDIP16 QUAD LINE DRIVER, PDSO16 ROHS COMPLIANT, MO-012AC, SOIC-16 HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
|
Exar, Corp. Exar Corporation
|
MM74HC125 MM74HC126 MM74HC125SJ MM74HC125M MM74HC1 |
3-STATE Quad Buffers HC/UH SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDIP14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
EL6261CU EL6261C |
From old datasheet system Quad 20MHz Quad, 80MHz, Switched Gain Pre-Amp
|
Elantec Semiconductor
|