PART |
Description |
Maker |
C0805N101K1MC C0805N101K1MH C0805N101K1ML C0805N10 |
CAPACITOR OUTLINE DRAWINGS CERAMIC CHIP/MIL-PRF-55681 CERAMIC CHIP/MIL-PRF-55681
|
Kemet Corporation
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
OM1815STM OM1805NTM OM1805STM OM1812NTM OM1812STM |
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS Hi-Rel Fixed Voltage 3-Terminal Positive Regulator
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
OM1815NMM OM1812NMM OM1805NMM |
HERMETIC SURFACE MOUNT FIXED VOLTAGE POSITIVE REGULATORS APPROVED TO DESC DRAWINGS Hi-Rel Fixed Voltage 3-Terminal Positive Regulator
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC International Rectifier
|
DC321A103KA5210 DC321A103JA5510 DC261E682ZA5106 DC |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 400 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 160 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
AVX CORP
|
PC1602G-P2 PC1602-G-P2 |
2 lines; 16 characters; dot size:0.55 x 0.50; dot pitch:0.60 x 0.55; LCD monitor OUTLINE DIMENSION & BLOCK DIAGRAM 外形尺寸 OUTLINE DIMENSION & BLOCK DIAGRAM
|
Powertip Technology, Corp. Powertip Technology Corp. POWERTIP[Powertip Technology] http://
|
EDS6432AFBH-TT |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:22uF RoHS Compliant: Yes 6400位SDRAM的抗水树(宽温度范围
|
Elpida Memory, Inc.
|
MYB79D MGB79D MSB79D MXB79 |
1.90 X 3.97MM ROUND RECTANGULAR BARLED LAMP 1.90 X 3.97MM圆形矩形BARLED Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:100VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:20000uF RoHS Compliant: Yes
|
MICRO-ELECTRONICS[Micro Electronics]
|
SGW10N60RUF |
FEEDTHRU CAPACITOR, 220PF 0.5A 100VFEEDTHRU CAPACITOR, 220PF 0.5A 100V; Capacitance:0.22nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Short Circuit Rated IGBT
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
MTAN4150-11A MTAN4150-11C MTAN4150R-11A MTAN4150R- |
CAP .39UF 250/275VAC ECQ-UL 0.5单位字母数字显示 Tantalum Capacitor; Capacitor Type:High CV; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Tantalum; Capacitance:150uF; Capacitance Tolerance: /- 20%; ESR:900mohm; Leaded Process Compatible:Yes; Operating Temp. Max:125 C RoHS Compliant: Yes CAPACITOR .039UF UV BOX TYPE Marktech 0.50 Single Alpha Numeric 0.5 Single Digit Alpha Numeric Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
TVX2A2R2MAA TVX2A470MAA TVX2A100MAA TVX2W470MDA TV |
CAPACITOR 2.2UF 100V Inhalt pro Packung: 500 Stk. CAPACITOR 47UF 100V Inhalt pro Packung: 200 Stk. CAPACITOR 10UF 100V Inhalt pro Packung: 500 Stk. CAPACITOR 47UF 450V Inhalt pro Packung: 25 Stk. CAPACITOR 47UF 350V Inhalt pro Packung: 50 Stk. CAPACITOR 33UF 450V Inhalt pro Packung: 50 Stk. 电容33UF 450V Inhalt亲Packung50沙头角 CAPACITOR 22UF 63V Inhalt pro Packung: 500 Stk. 电容22UF 63V Inhalt亲Packung00沙头角 CAPACITOR 220UF 25V Inhalt pro Packung: 200 Stk. 电容220UF 25V的Inhalt亲Packung00沙头角 CAPACITOR 2200UF 25V Inhalt pro Packung: 100 Stk. 电容2200UF 25V的Inhalt亲Packung00沙头角 CAPACITOR 220UF 35V Inhalt pro Packung: 200 Stk. 电容220UF 35V的Inhalt亲Packung200沙头角
|
LELON ELECTRONICS, CORP. Nichicon, Corp.
|
0907X7R104Z2FB 0907X7R104Z2F4 0907X7R104Z2F5 0907X |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, X7R, 0.1 uF, SURFACE MOUNT, 0907 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.00082 uF, SURFACE MOUNT, 0704 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0082 uF, SURFACE MOUNT, 1706 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.082 uF, SURFACE MOUNT, 3439 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.00068 uF, SURFACE MOUNT, 0704 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.06 uF, SURFACE MOUNT, 2725 CHIP CAPACITOR, CERAMIC, MULTILAYER, 25 V, Y5V, 0.68 uF, SURFACE MOUNT, 1706 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BX, 0.068 uF, SURFACE MOUNT, 0907 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BX, 0.0068 uF, SURFACE MOUNT, 0704 CHIP CAPACITOR, CERAMIC, MULTILAYER, 50 V, BX, 0.68 uF, SURFACE MOUNT, 2321 CHIP
|
Presidio Components, Inc.
|
|