PART |
Description |
Maker |
AT91SAM7XC256-CU AT91SAM7XC512 AT91SAM7XC512-CU AT |
Incorporates the ARM7TDMI ARM Thumb? Processor
|
ATMEL Corporation
|
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
AT91M40416-25CC AT91M40400 |
AT91 ARM Thumb RISC Microcontrollers(AT91 ARM Thumb???RISC寰???跺?) ARM Thumb Microcontroller
|
Atmel Corporation
|
FRM5W232BS |
Incorporates a 30 micron InGaAs Avalanche Photodiode 采用0微米铟镓砷雪崩光电二极管
|
Fujitsu, Ltd. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited.
|
EE-SX4081 EE-SX4088 |
Incorporates an IC chip with a built-in detector element and amplifier.
|
Omron Electronics LLC
|
SF13CR-CS |
color camera incorporates the 1/3 Omni Vision CMOS image sensor
|
AZ Displays
|
AT91RM3400-AI-001 |
ARM7TDMI based Microcontroller
|
Atmel
|
W90P710CD W90P710CDG |
32-BIT ARM7TDMI-BASED MCU
|
Winbond
|
ADUC7128 |
Precision Analog Microcontroller ARM7TDMI MCU with 12-bit ADC & DDS DAC
|
Analog Devices
|
STR735FZX STR730FZX STR73XF STR730FZ1H7 STR730FZ1T |
ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
|
STMICROELECTRONICS[STMicroelectronics]
|
AT91FR4042NBSP |
Includes, in a single package, an AT91R4008 16/32-bit RISC microcontroller based on the ARM7TDMI cor
|
Atmel Corp
|