PART |
Description |
Maker |
2SA965 2SA965O 2SA965Y |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE. DRIVER STAGE AND POWER AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | TO-92VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TOSHIBA[Toshiba Semiconductor]
|
Q62702-F1063 BFT93 |
PNP Silicon RF Transistor for broadba... PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA) UHF BAND, Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon http://
|
FCX790A FCX790ATA FCX790A-15 |
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR TRANSISTOR PNP-40V -2000MA SOT89 2000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Zetex Semiconductor PLC
|
2SA1009 2SA1009A 2SA1009AH 2SA1009AM 2SA1009J 2SA1 |
PNP SILICON POWER TRANSISTORS 进步党硅功率晶体 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 2 A, 350 V, PNP, Si, POWER TRANSISTOR, TO-220AB TRANSISTOR | BJT | PNP | 350V V(BR)CEO | 2A I(C) | TO-220AB TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 2A I(C) | TO-220AB
|
NEC, Corp. NEC Corp. NEC[NEC]
|
ZTX749 ZTX749-15 |
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR 2000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR E-LINE PACKAGE-3
|
ZETEX[Zetex Semiconductors] Diodes Incorporated Diodes, Inc.
|
KSA473YTSTU KSA473OTU |
PNP Epitaxial Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Rail 3 A, 30 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FJPF1943RTU |
PNP Epitaxial Silicon Transistor; Package: TO-220F; No of Pins: 3; Container: Rail 15 A, 230 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FZT1149A FZT1149ATA FZT1149A-15 |
PNP Low Sat Transistor PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated
|
2N5679 2N5680 JAN2N5680 |
1000 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD PNP POWER TRANSISTOR SILICON AMPLIFIER
|
MICROSEMI CORP-LAWRENCE MICROSEMI[Microsemi Corporation]
|
2SA1804O 2SA1804 |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE POWER AMPLIFIER APPLICATIONS TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 8A I(C) | TO-247VAR
|
TOSHIBA
|