PART |
Description |
Maker |
XR16C2852_05 XR16C2852 XR16C2852CJ XR16C2852IJ |
2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
|
EXAR[Exar Corporation]
|
SC16C852VIET SC16C852VIBS |
Dual UART with 128-byte FIFOs, IrDA, and XScale VLIO bus interface
|
NXP Semiconductors
|
XR16C2850 XR16C2850IM48 XR16C2850CJ44 XR16C2850IP4 |
Dual UART with TX and RX FIFO Counters, 128 Bytes of FIFOs and Automatic RS-485 Half Duplex Control 3.3V AND 5V DUART WITH 128-BYTE FIFO
|
EXAR[Exar Corporation]
|
SC16C850VIBS SC16C850V |
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
|
NXP Semiconductors
|
SC16C752BIB48 SC16C752BIBS SC16C752B10 |
5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
|
NXP Semiconductors
|
SC16C2552B |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
|
Philips
|
SC16C2550BIBS SC16C2550B07 SC16C2550BIA44 SC16C255 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
|
Philips Semiconductors NXP Semiconductors
|
SC16C2552 SC16C2552IA44 |
Dual UART with 16-byte transmit and receive FIFOs
|
Philips Semiconductors
|
SC16C850L SC16C850LIBS SC16C850LIET157 SC16C850LIB |
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT912-1 (TFBGA36); Container: Reel Pack, SMD, 7" 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PBGA36 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Single 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT912-1 (TFBGA36); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PBGA36
|
NXP Semiconductors N.V.
|
SC68C752BIBS SC68C752B SC68C752BIB48 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
|
PHILIPS[Philips Semiconductors]
|
ST16C550 ST16C550CJ44 ST16C550CP40 ST16C550CQ48 ST |
UART WITH 16-BYTE FIFO’s UART WITH 16-BYTE FIFOs
|
EXAR[Exar Corporation]
|