PART |
Description |
Maker |
MPXHZ6115A MPXHZ6115AC6U MPXAZ6115A MPXAZ6115A6T1 |
Media Resistant and High Temperature Accuracy Integrated Pressure Sensor Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor CAP 68UF 6V 20% TANT SMD-6032-28 TR-7
|
Freescale (Motorola) MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc.
|
MPXAZ4115A |
Media Resistant,Integrated Silicon Pressure Sensor for Manifold Absolute Pressure,Altemeter or Barometer Applications On-Chip Signal Conditioned From old datasheet system MPXAZ4115A Media Resistant, Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Altimeter or Barometer Applications On-Chip Signal Conditioned, Temperature Compensated, and Calibrated
|
Motorola, Inc.
|
MPXHZ6250AC6T1 MPXHZ6250A |
Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
|
FREESCALE[Freescale Semiconductor, Inc]
|
009-0631-900 009-0933-900 009-0089-900 009-0172-90 |
High-performance media resistant soleniod valves
|
Sensortechnics GmbH
|
091-0094-900 009-0270-900 |
High-performance media resistant soleniod valves
|
Sensortechnics GmbH
|
USB2226 |
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
|
SMSC Corporation
|
USB2230 USB2229 USB2229-NE-03 USB2229-NU-03 USB223 |
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
|
SMSC[SMSC Corporation]
|
USB2602-NE-03 USB2602-NU-03 |
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB 代USB2.0闪存介质控制器,它集成卡功率场效应管和HS集线
|
http:// SMSC, Corp.
|
SIL05-1A31-71Q SIL05-1A31-71QDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
USB2227-NU-11 |
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
|
Microchip Technology
|
2-1437589-0 1-1437589-8 |
SIL SCHALTER HORIZONTAL 8FACH 22.81MM 南港SCHALTER水平8FACH 22.81MM SIL SCHALTER HORIZONTAL 4FACH 12.65MM
|
PRECI-DIP SA
|
FSL913A0D FSL913A0D1 FSL913A0D3 FSL913A0R FSL913A0 |
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-205AF 7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs 7A 100V的,0.300欧姆,拉德硬,SEGR性,P通道功率MOSFET 7A/ -100V/ 0.300 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs 5A/ -100V/ 0.680 Ohm/ Rad Hard/ SEGR Resistant/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|