PART |
Description |
Maker |
33100C 33101C 33102C 33220C 33221C 33330C 33331C 3 |
Vertical Mount Toroidal Inductors
|
Murata Power Solutions Inc.
|
SDR0503-390KL SDR0503-821KL SDR0503-122JL SDR0503- |
MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 1200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 5600 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0503; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:20; Self Resonant Frequency:14MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:750mA; Mounting Type:Surface Mount Power Inductor; Inductor Type:Power; Inductance:3.3mH; Inductance Tolerance: 5 %; Current Rating:0.062A; Series:SDR0503; Core Material:Ferrite DR; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Q Factor:40 RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
L-15000 L-15001 L-15002 L-15003 L-15004 L-15006 L- |
Surface Mount Toroidal Inductors
|
Rhombus Industries Inc.
|
SDR1005-R68ML SDR1005-2R5ML |
MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 2.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns, Inc. BOURNS INC
|
S560-6100-16 |
Toroidal Surface Mount Inductors 2 FUNCTIONS, TELECOM FILTER
|
Bel Fuse, Inc.
|
VPM24-2080 |
POWER TRANSFORMER CHASSIS MOUNT : TOROIDAL MEDICAL SERIES
|
TRIAD MAGNETICS
|
QDFM015-350 QDFM015-351 QDFM015-352 QDFM015-301 QD |
Toroidal Surface Mount Inductors FIBER OPTIC RECEIVER 光纤接收
|
Pletronics ITT, Corp.
|
2300LL-330-H-RC 2300LL-471-H-RC 2300LL-270-H-RC 23 |
Inductor, Toroidal 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Low Core Loss, High Current Toroid Inductors 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
2200HT-330-H-RC 2200HT-180-H-RC 2200HT-1R2-V-RC 22 |
Inductor, Toroidal 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1.2 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 12UH 15% HORZ 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 100UH 15% HORZ 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR High Temperature, High Current Toroid Inductors
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 57 |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4A; DC Resistance Max:0.12ohm; Leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:9A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5A; DC Resistance Max:0.04ohm; Leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; Leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
2020.00K 2020.02K 2020.04K 2020.06K 2020.08K 2020- |
Radial Toroidal Inductors 1 ELEMENT, 10 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR Radial Toroidal Inductors
|
API Delevan
|
|