PART |
Description |
Maker |
FAN5019 FAN5019MTC FAN5019MTCX FAN5019MPCX |
6-bit VID controller 2-4 phase VRM10.X controller. 2 to 4 Phase 6-bit VID-Controlled Synchronous Buck Controller
|
Fairchild Semiconductor Corporation
|
L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5
|
http:// INTERSIL[Intersil Corporation]
|
HIP6301 |
PWM Controller, 2-4 Phase Sync Buck, 1.10V to 1.85V, .0% Reg, Programmable Droop Voltage, 5-Bit VID DAC
|
Intersil
|
HIP6311A |
PWM Controller, 2-4 Phase Sync Buck, 5-Bit VID DAC, 1.100V to 1.850V in 25mV Steps, .5% Reg, Prog Droop Voltage
|
Intersil
|
HIP6303 HIP6303CB HIP6303CB-T HIP6303EVAL1 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2-4 Phase Sync Buck, 4-Bit VID DAC, 1.30V to 2.05V in 50mV Steps, % Reg, AMD Athlon Compatible
|
INTERSIL[Intersil Corporation]
|
ISL6556B |
PWM Controller, 2-4 Phase, 6-Bit VID, V OUT = 0.8375 to 1.60V, ?.5% Reg, R DS (on)sensing and Internal Temp Compensation, >1MHz operation, Application = uP Core Voltage VR10.X, use with HIP6601B
|
Intersil
|
FAN53180MTC FAN53180 |
6-Bit VID Controlled 2-4 Phase DC-DC Controller
|
FAIRCHILD[Fairchild Semiconductor]
|
LTC1706-61 LTC1706EMS-61 |
5-Bit VID Voltage Programmer for AMD Opteron CPUs 5-Bit VID Voltage Programmer for AMD Hammer CPUs
|
Linear Technology
|
ISL6559 |
PWM Controller, 2-4 Phase, 5-Bit VID, % Reg, VCORE =0.80/1.55V
|
Intersil
|
ISL6561 |
PWM Controller, 2-4 Phase, 6-Bit VID, Precision R DS (on) or DCR sensing, Reg .5%
|
Intersil
|
LTC3877EUKTRPBF LTC3877EUKPBF |
Dual Phase Step-Down Synchronous Controller with VID Output Voltage Programming and Low Value DCR Sensing
|
Linear Technology
|
ISL6307BIRZ ISL6307BCRZ ISL6307B |
6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications
|
Intersil Corporation
|