PART |
Description |
Maker |
IR1150 IR1150PBF IR1150ISTRPBF |
One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Consumer market One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Industrial market.
|
International Rectifier
|
TC1029EUA TC1029 TC1029EOA TC1029EPA |
The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from ... The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drai Linear Building Block - Dual Low Power Op Amp
|
MICROCHIP[Microchip Technology]
|
TC1037 TC1037CECT TC1039 TC1038 TC1039CECH TC1038C |
The TC1037/1038/1039 are single, low-power comparators designed for low-power applications. These comparators are specifically designed for operation from a single supply. However, operation from dual supplies also is possible, and power s Linear Building Block . Single Comparator in SOT Packages
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
H66T19AA H66T19BA H66T32BA H66T68AA H66T68 H66T68B |
64-Note ROM memory Dynamic speaker can be driven with external NPN transistor CMOS LSI DESIGNED FOR USE IN DOOR BELL/ TELEPHONE AND TOY CMOS LSI DESIGNED FOR USE IN DOOR BELL, TELEPHONE AND TOY
|
MICRO-ELECTRONICS[Micro Electronics] HSMC Hi-Sincerity Mocroelectronics Hi-Sincerity Microelectronics
|
KIC9321F-008 |
CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系统FM/MW/LW波段调谐的CMOS大规模集成电 CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系FM/MW/LW波段调谐的CMOS大规模集成电 的CMOS大规模集成电路设计调中波/龙运的锁相环频率合成系统的无线电(用于锁相环频率合成系统调频/中波/龙运波段调谐的的CMOS大规模集成电路)
|
KEC Holdings
|
XT0012 |
Designed to meet IR 235°C peak requirement ADSL Transformer For Fujitsu Designed to meet IR 235掳C peak requirement ADSL Transformer For Fujitsu Designed to meet IR 235∑C peak requirement ADSL Transformer For Fujitsu
|
List of Unclassifed Manufacturers ETC[ETC]
|
KK1207 |
specifically designed
|
KODENSHI KOREA
|
EVH12140 |
designed specially
|
CSB Battery
|
STC2G15 STC2G15R |
BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALIUM OUTPUT CAPACITOR BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
7344-V2T3-ASVA 7344/V2T3-ASVA |
Specially designed for applications
|
Everlight Electronics Co., Ltd
|
SF2143A |
Designed for SDARS IF Receiver
|
RF Monolithics, Inc
|
SF1140B-2 |
Designed for SDARS IF Receiver
|
RF Monolithics, Inc
|