PART |
Description |
Maker |
DC337-16-25-40 BC327-16 BC328-16 ON0144 BC328-25 |
Amplifier Transistors(PNP Silicon) From old datasheet system PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage) CASE 29-04, STYLE 17 TO-2 (TO-26AA)
|
ON Semiconductor Siemens Semiconductor Group
|
Q62702-F1066 BFN25 BFN27 Q62702-F977 |
PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CPH3223 CPH3123 |
Low-Saturation Voltage Transistors PNP / NPN EPITAXIAL PLANAR SILICON TRANSISTORS HIGH-CURRENT SWITCHING APPLICATIONS
|
Sanyo Semicon Device
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
2SA1708 0128 |
PNP Epitaxial Planar Silicon Transistors High-Voltage Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1419 0069 |
PNP Epitaxial Planar Silicon Transistors High-Voltage Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
MMBT5401 |
High Voltage PNP Transistors
|
Weitron Technology
|
BF821 BF821215 BF821-BF823-15 |
PNP high-voltage transistors
|
NXP Semiconductors N.V.
|
BSR20 BSR20A |
PNP High-Voltage Transistors
|
Guangdong Kexin Industrial Co.,Ltd
|
BF421 BF423 |
High Voltage Transistors(PNP)
|
MOTOROLA[Motorola, Inc] Motorola Inc
|
MPSA92 MPSA93 Q68000-A5906 Q68000-A4810 |
PNP Silicon High-Voltage Transistors
|
Infineon SIEMENS[Siemens Semiconductor Group]
|