PART |
Description |
Maker |
AM29DL800BB120FI AM29DL800BB90SEB AM29DL800BT90SEB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 1M X 8 FLASH 3V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc. http://
|
AM29F040B AM29F040B-70 29F040 AM29F040B-90PIB AM29 |
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 55 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 4兆位12亩8位)的CMOS 5.0伏只,统一部门快闪记忆 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 55 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 70 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 90 ns, PDSO32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 512K X 8 FLASH 5V PROM, 90 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Uniform Sector Flash Memory 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
AM29LV400B-100WAC AM29LV400B-100WACB AM29LV400B-10 |
PTSE 6C 6#20 SKT RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Metal; Series:MS C-26482 Series I; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No FEEDTHRU CAPACITOR, 470PF 4A 100VFEEDTHRU CAPACITOR, 470PF 4A 100V; Capacitance:0.47nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, CAP 0.47UF 50V 50-20% X7R SMD-0612 TR-7 PLATED-NI/SN HC-FEEDTHRU PTSE 3C 3#20 PIN RECP 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 150 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 90 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM45DL3208GNBSP AM45DL3208G |
32 Mbit (4 M x 8-Bit/2 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
AM29LV800BB-120WBE AM29LV800BB-70WBE AM29LV800BB-9 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
AM29DL800B06 AM29DL800BT70ED AM29DL800BB70ED D800B |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29F800BT-90ED AM29F800BT-90EF AM29F800BT-90EK AM |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29F400BB-120EC AM29F400BB-120ECB AM29F400BB-120E |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29SL800C AM29SL800CB100EC AM29SL800CB100ECB AM29 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
AMD[Advanced Micro Devices]
|