PART |
Description |
Maker |
74ALVC162835A 74ALVC162835ADGG |
74ALVC162835A; 18-bit registered driver with 30 Ohm termination resistors (3-State) 18-bit registered driver with 30W 18-bit registered driver with 30ohm termination resistors (3-State) BUFFER/DRIVER|SINGLE|18-BIT|AVC/ALVC-CMOS|TSSOP|56PIN|PLASTIC 缓冲驱动器|单|18位|AVC/ALVC-CMOS|TSSOP|56引脚|塑料
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74AVC16836 74AVC16836DGG |
20-bit registered driver with inverted register enable 3-State AVC SERIES, 20-BIT DRIVER, TRUE OUTPUT, PDSO56
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ALVCHT16835 74ALVCHT16835_1 74ALVCHT16835DGV |
74ALVCHT16835; 18-bit registered driver (3-State) From old datasheet system
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
SSTV16857 SSTV16857EV SSTV16857DGG SSTV16857DGV SS |
14-bit SSTL_2 registered driver with differential clock inputs
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ACT841SC 74ACT841 74ACT841SPC 74ACT841MTC 74ACT8 |
From old datasheet system 10-Bit D-Type Latch 8-Bit LVTTL-GTLP Adjustable-Edge-Rate Registered Transceiver with Split LVTTL Port and Feedback Path 48-TVSOP -40 to 85 10-Bit Transparent Latch with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74ALVC162334A 74ALVC162334ADGG 74ALVC162334A-15 |
16-bit registered driver with inverted register enable and 30 W termination resistors (3-state)
|
NXP Semiconductors
|
74ALVC162836A 74ALVC162836ADGG |
20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
SN74SSQE32882 SN74SSQE32882ZALR SN74SSQE32882-17 S |
<font color=red>[Old version datasheet]</font> 28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
|
TI store
|
CY2SSTV16859ZIT CY2SSTV16859 CY2SSTV16859LFC CY2SS |
13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant 13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO64
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp.
|
M393T6553BZ3-CD5_CC M393T2950BG0-CD5_CC M393T2950B |
DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
IDT29FCT52A IDT29FCT52AD IDT29FCT52ADB IDT29FCT52A |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 5K/REEL-13 快速CMOS八进制注册收发器 RECTIFIER FAST-RECOVERY SINGLE 3A 200V 150A-ifsm 1.2V-vf 150ns 5uA-ir DO-201AD 500/BULK FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CDFP24 FAST CMOS OCTAL REGISTERED TRANSCEIVERS FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CQCC28
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|