PART |
Description |
Maker |
0878746001 87874-6001 |
5.08mm (.200), 2.54mm (.100) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus?/a> Pa-S Header, Through Hole, Right Angle, Beveled Metal Pins MOLEX Connector
|
http:// Molex Electronics Ltd.
|
14-56-8250 A-70400-3408 |
2.54mm (.100) Pitch SL Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 22, 0.76μm (30μ) Gold (Au), 25 Circuits 2.54mm (.100") Pitch SL垄芒 Insulation Displacement Connector Assembly
|
Molex Electronics Ltd.
|
70287-1001 0702871001 SD-70287-004 |
2.54mm (.100") Pitch C-Grid庐 Header 2.54mm (.100) Pitch C-Grid? Header
|
Molex Electronics Ltd.
|
22-15-2136 A-4455-AZ13A 0022152136 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 13 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 13 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 13 Circuits
|
Molex Electronics Ltd.
|
0022152046 22-15-2046 A-4455-AZ04A |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 4 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 4 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 4 Circuits
|
Molex Electronics Ltd.
|
0022162050 22-16-2050 A-4455-AZ05A |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm (15μ) Gold (Au), 5 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 0.38渭m (15渭) Gold (Au), 5 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 0.38楼矛m (15楼矛) Gold (Au), 5 Circuits
|
Molex Electronics Ltd.
|
A-7859-2561 7859-2561N 15-29-1026 0015291026 |
2.54mm (.100) Pitch C-Grid? Shunt Terminal Housings, (30μ) Gold (Au), 2 Circuits, with Pin Stop 2.54mm (.100") Pitch C-Grid庐 Shunt Terminal Housings, (30渭") Gold (Au), 2 Circuits, with Pin Stop 2.54mm (.100") Pitch C-Grid垄莽 Shunt Terminal Housings, (30楼矛") Gold (Au), 2 Circuits, with Pin Stop
|
Molex Electronics Ltd.
|
0022283302 42225-0100 A-42225-0100 22-28-3302 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
SD-98787-001 SD-98787-002 0987871011 19911221 |
2.54mm (.100) Pitch Pitch MOX Plug Housing, 6 Circuits, Black
|
Molex Electronics Ltd.
|
87631-3042 0876313042 |
6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus PS-P Header
|
Molex Electronics Ltd.
|
0876313049 |
6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus PS-P Header
|
Molex Electronics Ltd.
|
|