PART |
Description |
Maker |
VCC1-A3O-34M368 VCC1-A3O-34M816 VCC1-A3O-34M56 VCC |
VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT VCXO, CLOCK, 34.816 MHz, CMOS OUTPUT VCXO, CLOCK, 34.56 MHz, CMOS OUTPUT VCXO, CLOCK, 70.626 MHz, CMOS OUTPUT VCXO, CLOCK, 69.632 MHz, CMOS OUTPUT VCXO, CLOCK, 34.45 MHz, CMOS OUTPUT VCXO, CLOCK, 70 MHz, CMOS OUTPUT VCXO, CLOCK, 97.776 MHz, CMOS OUTPUT VCXO, CLOCK, 53.33 MHz, CMOS OUTPUT VCXO, CLOCK, 19.53 MHz, CMOS OUTPUT VCXO, CLOCK, 53.125 MHz, CMOS OUTPUT VCXO, CLOCK, 89.97804 MHz, CMOS OUTPUT VCXO, CLOCK, 89.472 MHz, CMOS OUTPUT VCXO, CLOCK, 89.512 MHz, CMOS OUTPUT VCXO, CLOCK, 48.33008 VCXO, CLOCK, 8.192 MHz, CMOS OUTPUT VCXO, CLOCK, 14.4 MHz, CMOS OUTPUT VCXO, CLOCK, 125.01 MHz, CMOS OUTPUT VCXO, CLOCK, 106.25 MHz, CMOS OUTPUT VCXO, CLOCK, 125 MHz, CMOS OUTPUT VCXO, CLOCK, 39.497 MHz, CMOS OUTPUT VCXO, CLOCK, 103.68 MHz, CMOS OUTPUT VCXO, CLOCK, 35.5 MHz, CMOS OUTPUT VCXO, CLOCK, 12.222 MHz, CMOS OUTPUT VCXO, CLOCK, 51.156 MHz, CMOS OUTPUT VCXO, CLOCK, 52.5 MHz, CMOS OUTPUT VCXO, CLOCK, 78 MHz, CMOS OUTPUT VCXO, CLOCK, 72 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 36.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42.4 MHz, CMOS OUTPUT VCXO, CLOCK, 112.5 MHz, CMOS OUTPUT VCXO, CLOCK, 115.2 MHz, CMOS OUTPUT VCXO, CLOCK, 127 MHz, CMOS OUTPUT VCXO, CLOCK, 116.64 MHz, CMOS OUTPUT VCXO, CLOCK, 110 MHz, CMOS OUTPUT VCXO, CLOCK, 16.61 MHz, CMOS OUTPUT VCXO, CLOCK, 50 MHz, CMOS OUTPUT VCXO, CLOCK, 10.24 MHz, CMOS OUTPUT VCXO, CLOCK, 114 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 100 MHz, CMOS OUTPUT VCXO, CLOCK, 20.516 MHz, CMOS OUTPUT VCXO, CLOCK, 128 MHz, CMOS OUTPUT VCXO, CLOCK, 12.5 MHz, CMOS OUTPUT VCXO, CLOCK, 21.71055 MHz, CMOS OUTPUT VCXO, CLOCK, 21.504 MHz, CMOS OUTPUT VCXO, CLOCK, 36.86 MHz, CMOS OUTPUT VCXO, CLOCK, 33.3 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 41.472 MHz, CMOS OUTPUT VCXO, CLOCK, 67.5 MHz, CMOS OUTPUT VCXO, CLOCK, 41.657 MHz, CMOS OUTPUT VCXO, CLOCK, 42.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42 MHz, CMOS OUTPUT VCXO, CLOCK, 47.404 MHz, CMOS OUTPUT VCXO, CLOCK, 47.197 MHz, CMOS OUTPUT VCXO, CLOCK, 47.40437 MHz, CMOS OUTPUT VCXO, CLOCK, 12.2725 MHz, CMOS OUTPUT VCXO, CLOCK, 28.8 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 28 MHz, CMOS OUTPUT VCXO, CLOCK, 120 MHz, CMOS OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS OUTPUT VCXO, CLOCK, 2 MHz, CMOS OUTPUT VCXO, CLOCK, 24.54 MHz, CMOS OUTPUT VCXO, CLOCK, 17.734 MHz, CMOS OUTPUT VCXO, CLOCK, 15.974 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
1-FHF-12M288 1-FHF-10M000 2-ANF-20M000 1-FHF-13M00 |
VCXO, CLOCK, 19.44 MHz, CMOS OUTPUT VCXO, CLOCK, 12.288 MHz, CMOS OUTPUT VCXO, CLOCK, 13 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 15.44 MHz, CMOS OUTPUT VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 10 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT VCXO, CLOCK, 40 MHz, CMOS OUTPUT VCXO, CLOCK, 18.432 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 44.736 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 65.536 MHz, CMOS OUTPUT VCXO, CLOCK, 40.96 MHz, CMOS OUTPUT
|
VECTRON INTERNATIONAL
|
TCXO-501-DAE-106 TCXO-501-EAR-156 TCXO-501-EAK-156 |
Temperature Compensated Crystal Oscillator TCVCXO, CLOCK, 46 MHz, CMOS OUTPUT TCVCXO, CLOCK, 44 MHz, CMOS OUTPUT TCVCXO, CLOCK, 48 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.352 MHz, CMOS OUTPUT TCVCXO, CLOCK, 10 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.2 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 15.36 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.6608 MHz, CMOS OUTPUT TCVCXO, CLOCK, 11 MHz, CMOS OUTPUT TCVCXO, CLOCK, 14.31818 MHz, CMOS OUTPUT TCVCXO, CLOCK, 25.165824 MHz, CMOS OUTPUT TCVCXO, CLOCK, 16.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 30.08 MHz, CMOS OUTPUT TCVCXO, CLOCK, 20 MHz, CMOS OUTPUT TCVCXO, CLOCK, 13 MHz, CMOS OUTPUT TCVCXO, CLOCK, 50 MHz, CMOS OUTPUT TCVCXO, CLOCK, 8.75 MHz, CMOS OUTPUT TCVCXO, CLOCK, 10.23 MHz, CMOS OUTPUT
|
Vectron International, Inc http://
|
TC55V8512J-15 TC55V8512J-12 TC55V8512FT-15 TC55V85 |
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS From old datasheet system (TC55V8512J/FT) 8-Bit CMOS SRAM 524,288-WORD BY 8-BIT CMOS STATIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MAX4605 MAX4606 MAX4605CSE MAX4605CPE MAX4605ESE M |
5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5Ω、四路、SPST、CMOS模拟开 5з, Quad, SPST, CMOS Analog Switches 5ohm, Quad, SPST, CMOS Analog Switches 5?, Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
ADG601 ADG602 ADG602BRM ADG602BRT ADG601BRM ADG601 |
2 ohm CMOS -5 V/5 V/ SPST SWITCHES Tantalum Molded Capacitor; Capacitance: .22uF; Voltage: 35V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel 2 ohm CMOS -5 V/5 V, SPST SWITCHES 2.2 ohms CMOS ?5 V/5V, SPST Switches 2.2 ohms CMOS ?V/5 V, SPST Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
SMCJ50DC SMCJ7.5 SMCJ48 SMCJ6.0DC SMCJ7.0A SMCJ48A |
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR CMOS Decade Counter with 10 Decoded Outputs 16-SO -55 to 125 CMOS Quad Clocked 'D' Latch 16-SOIC -55 to 125 CMOS Decade Counter with 10 Decoded Outputs 16-PDIP -55 to 125 CMOS Hex Inverting Buffer/Converter 16-SOIC -55 to 125
|
DC Components Co., Ltd. http://
|
|