PART |
Description |
Maker |
PIC16F630 PIC16F676 PIC12F630 PIC16F676PIC16F630 1 |
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers (PIC12F676 / PIC12F630) 14-Pin Flash Based 8-Bit CMOS Microcontrollers IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,14PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
PIC12F508-EP PIC12F508-ISN PIC12F508T-EP PIC16F505 |
8/14-Pin, 8-Bit Flash Microcontrollers 8/14-Pin, 8-Bit Flash Microcontrollers106
|
Microchip Technology
|
SQ3344D-70MHZ P1144-3SD-70MHZ P1145-3SD-70MHZ SQ33 |
20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 85C, 20-SOIC 300mil, T/R 14 pin PIC W/ECCP/PWM, 10 bit A2D, comparator, midrange core, 2K words flash and, -40C to 125C, 14-SOIC 150mil, TUBE 20 Pin, 3.5KB Flash, 128 RAM, 18 I/O, -40C to 125C, 20-QFN, T/R 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 125C, 20-SSOP 208mil, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 20-QFN, T/R 20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 125C, 20-SSOP 208mil, T/R 16 Pin, 7KB Std Flash, 256 RAM, 12 I/O, -40C to 85C, 16-QFN, T/R 20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 125C, 20-PDIP, TUBE 晶体振荡 Crystal Oscillator 晶体振荡 14 pin PIC W/ECCP/PWM, 10 bit A2D, comparator, midrange core, 2K words flash and, -40C to 85C, 14-TSSOP, TUBE 晶体振荡 16 Pin, 7KB Std Flash, 256 RAM, 12 I/O, -40C to 125C, 16-QFN, TUBE 晶体振荡 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 125C, 20-SOIC 300mil, T/R 晶体振荡 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 85C, 20-SOIC 300mil, T/R 晶体振荡 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 125C, 20-SOIC 300mil, TUBE 晶体振荡 14 Pin PIC w/USART, 10 Bit A2D, Flash EEPROM and Program Memory Read., -40C to 125C, 14-TSSOP, TUBE 晶体振荡
|
Pletronics STMicroelectronics N.V. Kingbright, Corp. Electronic Theatre Controls, Inc. Linear Technology, Corp. ITT, Corp. TE Connectivity, Ltd. Avago Technologies, Ltd.
|
PIC16F688T-E_ML PIC16F688T-E_P PIC16F688T-E_SL PIC |
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO14 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC16
|
Microchip Technology
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
MAX5304 MAX5304CUA MAX5304EUA |
10-Bit Voltage-Output DAC in 8-Pin レMAX 10位、电压输出DAC引脚µMAX封装 10-Bit Voltage-Output DAC in 8-Pin μMAX 10-Bit Voltage-Output DAC in 8-Pin MAX 10-Bit Voltage-Output DAC in 8-Pin µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
NX26F041A-5V-R NX26F011A NX26F011A-3V-R NX26F011A- |
3 V, 1M-bit flash memory with 2-pin NXS interface 1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE 4 Mbit Uniform Sector, Serial Flash Memory
|
NexFlash List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
S29AL008D55TFN023 S29AL008D70TFN023 S29AL008D70TFI |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 CONNECTOR ACCESSORY 连接器附 CONNECTOR ACCESSORY 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 55 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 JT 16C 16#16 PIN RECP CAP 0.015UF 50V 80-20% Z5U SMD-0805 TR-7-PL SN-NIBAR SSR OCMOS FET 200MA NO 6-SOIC
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
PIC16F1823T-I/ST PIC16LF1823-E/MF PIC16F1823T-I/SS |
8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology 8-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PDSO8
|
Microchip Technology
|
PIC16F873A-I/SO PIC16F873A-I/SP PIC16F876A PIC16F8 |
28/40-pin Enhanced FLASH Microcontrollers 28/40-pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology Inc.
|
|