PART |
Description |
Maker |
HCF40161 HCF40161M013TR HCF40161B HCF40161BEY HCF4 |
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HEF4526B HEF4526BD HEF4526BF HEF4526BN HEF4526BP H |
Programmable 4-bit binary down counter
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
AT27C2048 AT27C2048-12 AT27C2048-12JC AT27C2048-12 |
2-Megabit 128K x 16 OTP EPROM 128K X 16 OTPROM, 120 ns, PDIP40 12-Bit Asynchronous Binary Counter 16-TSSOP -40 to 85 128K X 16 OTPROM, 70 ns, PDIP40 12-Bit Asynchronous Binary Counter 16-TSSOP -40 to 85 128K X 16 OTPROM, 70 ns, PDSO40 2-Megabit 128K x 16 OTP EPROM 128K X 16 OTPROM, 120 ns, PQCC44 Enhanced Product 12-Bit Asynchronous Binary Counter 16-TSSOP -55 to 125 12-Bit Asynchronous Binary Counter 16-VQFN -40 to 85 12-Bit Asynchronous Binary Counter 16-SSOP -40 to 85 12-Bit Asynchronous Binary Counter 16-TVSOP -40 to 85 12-Bit Asynchronous Binary Counter 16-PDIP -40 to 85 12-Bit Asynchronous Binary Counter 16-SOIC -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
5962-8871001SA 5962-8871001SX |
8-Bit Binary, Programmable, RC Timer Counter 身份比较 Identity Comparator
|
Electronic Theatre Controls, Inc.
|
UM236 UM234 UM213 UM238M UM241 UM221M UM202 UM203 |
12 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS Synchronous presettable 4-bit counter OCTAL COUNTER WITH 8 DECODED OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED 7 SEGMENT DISPLAY OUTPUTS 4 bit synchronous up/down counters Quad exclusive NOR gate Low cost field programmable microcontroller peripherals DIFFERENTIAL 4 CHANNLE ANALOG MULTIPLEXER DEMULTIPLEXER N-CHANNEL 600V 0.85 Ohm 7A TO-220/TO-220FP POWERMESH II MOSFET Octal bus buffer with 3 state outputs (non inverted) Octal bus buffer with 3 state outputs (not inverted) Octal bus buffer with with 3 state outputs (non inverted) 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface QUAD 2 INPUT AND GATE 5 bit programmable dual-phase controller 5 bit programmable step down controller with synchronous rectification Quad 2 channel multiplexer (inv.) 12 stage binary counter High-voltage high and low side driver
|
|
74F163ASJ 74F161A_07 74F161APC 74F161ASC 74F161ASJ |
Synchronous Presettable Binary Counter Synchronous Presettable 4-Bit Binary Counter (Asynchronous Reset) F/FAST SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MC10EP016 MC10EP016FA MC10EP016FAR2 MC100EP016FAR2 |
GT 7C 7#12 PIN RECP LINE 100EP SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32 3.3V / 5VECL 8-Bit Synchronous Binary Up Counter 3.3 / 5V的ECL 8位二进制计数器同步最 3.3V / 5VECL 8-Bit Synchronous Binary Up Counter 10E SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32 3.3V / 5VECL 8-Bit Synchronous Binary Up Counter 100EP SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32
|
ONSEMI[ON Semiconductor]
|
HCTS93D HCTS93DMSR HCTS93HMSR HCTS93K HCTS93KMSR H |
Radiation Hardened 4-Bit Binary Ripple Counter HCT SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP BINARY COUNTER, CDFP14 3 dB 90 Card Couplers From old datasheet system
|
Intersil, Corp. Hirose Electric INTERSIL[Intersil Corporation]
|
74ABT541CMTC 74ABT541CMTCX 74ABT541CMSAX 74ABT541C |
Synchronous 4-Bit Binary Counter 16-SSOP 0 to 70 Octal Buffer/Line Driver with 3-STATE Outputs Synchronous 4-Bit Binary Counter 16-SOIC 0 to 70 ABT SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDIP20
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
HSP45256JI-25 HSP45256GC-33 |
Binary Correlator 8-BIT, DSP-CORRELATOR, PQCC84 Binary Correlator 8-BIT, DSP-CORRELATOR, CPGA85 Binary Correlator 二元相关
|
Intersil, Corp.
|