PART |
Description |
Maker |
FDW2515N FDW2515NZ |
CAP CER 68000PF 100V 10% X7R1210 5.8 A, 20 V, 0.028 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Common Drain N-Channel 2.5V specified PowerTrench MOSFET Dual N-Channel 2.5V Specified PowerTrench MOSFET
|
Glenair, Inc. FAIRCHILD[Fairchild Semiconductor]
|
FDP047N10 |
N-Channel PowerTrench MOSFET 100V, 164A, 4.7mOHM 100V N-Channel PowerTrench MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 120 A, 100 V, 0.0047 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FDD3690 |
100V N-Channel PowerTrench MOSFET 100V N-Channel PowerTrench MOSFET DIODE ZENER SINGLE 1000mW 6.8Vz 37mA-Izt 0.05 10uA-Ir 4Vr DO41-GLASS 5K/REEL 22 A, 100 V, 0.064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDS4141 |
P-Channel PowerTrench? MOSFET -40V, -10.8A, 13.0mΩ P-Channel PowerTrench㈢ MOSFET -40V, -10.8A, 13.0mヘ -40V P-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 10.8 A, 40 V, 0.013 ohm, P-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
FDD044AN03 FDD044AN03L FDU044AN03L |
VARISTOR STD 250VRMS 3225 SMD 35 A, 30 V, 0.0044 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30V N-Channel PowerTrench? MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDS3672 FDS3672NL |
N-Channel PowerTrench MOSFET 100V/ 7.5A/ 22m N-Channel PowerTrench MOSFET 100V, 7.5A, 22mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 7.5A, 0.022 Ohm @ Vgs = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
FDG311N FDG311NNL |
N-Channel 2.5V Specified PowerTrench MOSFET N-Channel 2.5V Specified PowerTrench MOSFET 1900 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp.
|
FDS3570 FDS3570D84Z |
80V N-Channel PowerTrench??MOSFET 9000 mA, 80 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 80V N-Channel PowerTrench MOSFET 80V N-Channel PowerTrench⑩ MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDJ1028N06 FDJ1028N FDJ1028NNL |
20V N-Channel 2.5Vgs Specified PowerTrench MOSFET N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
|