PART |
Description |
Maker |
CTA16-1000BPT |
16Amp - 400/600/800/1000V - TRIAC
|
Electronic Theatre Controls, Inc.
|
CYNB55-1000PT CYNB55-800 CYNB55-400PT CYNB55-800PT |
55Amp - 400/600/800/1000V - SCR
|
Electronic Theatre Controls, Inc.
|
CRNA20-800 CRNB20-800 CRNA20-1200 CRNB20-1200 CRNA |
20Amp - 400/600/800/1200V - RECTIFIER 20Amp - 400/600/800/1200V -整流
|
Electronic Theatre Controls, Inc.
|
S80 |
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
S20 S40 S500 S380 S250 |
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
QIP0640001 |
Asymmetrical Half Bridge IGBT H-Series Hermetic Module (400 Amperes/600 Volts) 400 A, 600 V, N-CHANNEL IGBT
|
Littelfuse, Inc. POWEREX[Powerex Power Semiconductors]
|
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
CR03AM400-12 CR03AM400-8 CR03AM CR03AM600-8 CR03AM |
RECTIFIER SCHOTTKY SINGLE 1A 20V 40A-ifsm 0.5V-vf 0.5mA-ir DO-41 1K/BULK 铅山,相位控制晶闸管0.3 Amperes/400-600伏特 Lead-Mount/ Phase Control SCR 0.3 Amperes/400-600 Volts Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
SM12CXC220 SM34CXC614 SM36CXC604 SM38CXC624 SM38CX |
860 A, 1200 V, SILICON, RECTIFIER DIODE 1160 A, 3400 V, SILICON, RECTIFIER DIODE 1010 A, 3600 V, SILICON, RECTIFIER DIODE 1106 A, 3800 V, SILICON, RECTIFIER DIODE 2640 A, 3800 V, SILICON, RECTIFIER DIODE 1106 A, 3400 V, SILICON, RECTIFIER DIODE 435 A, 1500 V, SILICON, RECTIFIER DIODE 440 A, 600 V, SILICON, RECTIFIER DIODE 1160 A, 3800 V, SILICON, RECTIFIER DIODE 1160 A, 4200 V, SILICON, RECTIFIER DIODE 940 A, 800 V, SILICON, RECTIFIER DIODE 940 A, 1800 V, SILICON, RECTIFIER DIODE 940 A, 400 V, SILICON, RECTIFIER DIODE 940 A, 1000 V, SILICON, RECTIFIER DIODE 940 A, 600 V, SILICON, RECTIFIER DIODE 940 A, 1600 V, SILICON, RECTIFIER DIODE 1106 A, 4000 V, SILICON, RECTIFIER DIODE 310 A, 2600 V, SILICON, RECTIFIER DIODE 370 A, 2600 V, SILICON, RECTIFIER DIODE 2700 A, 2600 V, SILICON, RECTIFIER DIODE 860 A, 1400 V, SILICON, RECTIFIER DIODE 440 A, 400 V, SILICON, RECTIFIER DIODE 440 A, 800 V, SILICON, RECTIFIER DIODE 435 A, 1600 V, SILICON, RECTIFIER DIODE 435 A, 1800 V, SILICON, RECTIFIER DIODE 527 A, 3200 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
CQDD-16N |
16 AMP TRIAC 600 THRU 800 VOLTS 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Central Semiconductor, Corp.
|
CQ223-2M CQ223-2N |
2.0 AMP TRIAC 600 THRU 800 VOLTS 800 V, 2 A, 4 QUADRANT LOGIC LEVEL TRIAC 2.0 AMP TRIAC 600 THRU 800 VOLTS 600 V, 2 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CS3-16N CS3-16D CS3-16M |
SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS 16 A, 800 V, SCR, TO-3 SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS 16 A, 400 V, SCR, TO-3 SILICON CONTROLLED RECTIFIER 16 AMP, 200 THRU 800 VOLTS 16 A, 600 V, SCR, TO-3
|
Central Semiconductor, Corp.
|
|