PART |
Description |
Maker |
STIH314ZUA STIH314ZUB STIH414ZUA STIH418ZUB |
ARM Cortex-based, UHD 60 fps, multimedia connected client platform Multi-core ARM Cortex-based, UHD 60 fps, multimedia server platform
|
ST Microelectronics
|
LPC1700 |
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
|
NXP Semiconductors
|
MKV58F512VLL24 MKV58F512VMD24 MKV58F1M0VLQ24 KV5XP |
240 MHz Cortex-M7 based MCU for Real-time, high performance connected control
|
NXP Semiconductors
|
STM32L071KZ STM32L071V8 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
|
STMicroelectronics
|
STM32L083CB STM32L083CZ STM32L083RB STM32L083RZ ST |
Ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs, AES
|
STMicroelectronics
|
S6E1A12B0AGN2 |
32-Bit ARM? Cortex? FM0 based Microcontroller
|
Cypress Semiconductor
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
LPC4088FET208 LLPC4078FBD144 LPC4074FBD80 LPC4078F |
32-bit ARM Cortex-M4 MCU; up to 512 kB flash, 96 kB SRAM; USB Device/Host/OTG; Ethernet; LCD; EMC; SPIFI 32-bit ARM Cortex-M4 MCU;
|
NXP Semiconductors
|
LPC1751FBD80 LPC1759-11 |
Cortex-M3 with 32 kB flash, 8 kB SRAM, USB 2.0 Device, CAN, 12-bit ADC 32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
|
NXP Semiconductors N.V.
|
LPC1115JBD48 LPC1114FBD48 LPC1111FDH20 LPC1111JHN3 |
32-bit ARM Cortex-M0 microcontroller??4kB flash, 8kB SRAM, LQFP48 package 32-bit ARM Cortex-M0 microcontroller??2kB flash, 8kB SRAM, LQFP48 package 32-bit ARM Cortex-M0 microcontroller??kB flash, 2kB SRAM, TSSOP20 package 32-bit ARM Cortex-M0 microcontroller??kB flash, 4kB SRAM, HVQFN32 package 32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN33 package 32-bit ARM Cortex-M0 microcontroller??6kB flash, 4kB SRAM, HVQFN32 package
|
NXP Semiconductors N.V.
|
STEVAL-TLL006V2 |
New high-power LED driver demo board for single flash with IC interface based on STCF06 (with motherboard based on uPSD)
|
ST Microelectronics
|
|