PART |
Description |
Maker |
90119-0120 0901190120 |
C-Grid III Crimp Terminal, 26-28 AWG, Reel, Tin (Sn) C-Grid III?/a> Crimp Terminal, 26-28 AWG, Reel, Tin (Sn)
|
Molex Electronics Ltd.
|
90123-0124 90123-0107 90123-0104 90123-0125 90123- |
Connector Housing; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:7; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:4; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP C-Grid Modr Crp Hsg SR W/2Pol Bttn 25Ckt 25 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP HOUSING, POLARISED 20WAY ; Ways, No. of:20; Approval Bodies:UL, CSA; Current rating:3A; Housing type:Polyphenylene Oxide UL94V-1; Pitch:2.54mm; Resistance, contact:20mR; Resistance, insulation:5000MR; Series:CGRID; Temp, op.
|
Molex, Inc. MOLEX INC
|
90142-0014 |
2.54mm Pitch C-Grid III?/a> Crimp Housing Dual Row, 14 Circuits
|
Molex Electronics Ltd.
|
90160-0134 |
2.54mm Pitch C-Grid III?Crimp Housing Dual Row, 34 Circuits
|
Molex Electronics Ltd.
|
90142-0008 |
2.54mm Pitch C-Grid III?/a> Crimp Housing Dual Row, 8 Circuits
|
Molex Electronics Ltd.
|
90160-0120 |
2.54mm Pitch C-Grid III?Crimp Housing Dual Row, 20 Circuits
|
Molex Electronics Ltd.
|
90160-0112 |
2.54mm (.100) Pitch C-Grid III Crimp Housing - Dual Row, 12 Circuits
|
Molex Electronics Ltd.
|
90156-0158 |
2.54mm (.100) Pitch C-Grid III Crimp Housing - Single Row, 18 Circuits
|
Molex Electronics Ltd.
|
0901420032 90142-0032 |
2.54mm (.100) Pitch C-Grid III Crimp Housing - Dual Row, 32 Circuits
|
Molex Electronics Ltd.
|
90156-0149 |
2.54mm (.100) Pitch C-Grid III Crimp Housing - Single Row, 9 Circuits
|
Molex Electronics Ltd.
|
90160-0134 |
2.54mm (.100) Pitch C-Grid III Crimp Housing - Dual Row, 34 Circuits
|
Molex Electronics Ltd.
|
90160-0116 |
2.54mm (.100) Pitch C-Grid III Crimp Housing - Dual Row, 16 Circuits
|
Molex Electronics Ltd.
|
|