PART |
Description |
Maker |
33012-3021 0330123021 SD-33012-002 |
MX150 Female Terminal, Tin (Sn) Plating, 14-16 AWG
|
Molex Electronics Ltd.
|
0340833001 34083-3001 |
MX150 Female Cable Seal Terminal, Tin (Sn) Plating, 14-16 AWG, Left Reel PayoffContact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
0330122002 33012-2002 |
MX150 Female Terminal, Tin (Sn) Plating, 18-20 AWG, Right Reel Payoff, SmallPolarization Rib, Contact Material Thickness 0.30mm (.012
|
Molex Electronics Ltd.
|
0330012004 33001-2004 |
MX150 Female Terminal
|
Molex Electronics Ltd.
|
19019-0052 19019-0037 19019-0057 19019-0049 19019- |
.250X.032 FEM.QD AVIKRIMP (P-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 10-12AWG 6 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK./REEL (PZ-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEM.QD AVIKRIMP (P-8139-032) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190190054 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.020 FEM.QD AVIK. TAPED (BB-8138T) 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD AVIKRIMP (BB-8191-032 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .187 FEMALE INSUL 14-16AWG 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK. TAPED (C-8143T)
|
Molex, Inc. MOLEX INC
|
DNFR18-250FIB-C DNFR14-250B-C |
Female Disconnect Solderless Terminal; Wire Size (AWG):22-18; Tab Width:0.250"; Insulator Color:Red RoHS Compliant: Yes BRASS, TIN FINISH, PUSH-ON TERMINAL DISCONNECT FLAG 16-14AWG .205,0 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Panduit, Corp.
|
18-12-1601 |
125 Female Term Chain Brs Tin 10-14 BRASS, TIN (20) FINISH, WIRE TERMINAL
|
Molex, Inc.
|
34081-5003 0340815003 |
MX150 Female Cable Seal Terminal, Silver (Ag) Plating, 22 AWG, Left Reel PayoffContact Material Thickness 0.30mm (.012)
|
Molex Electronics Ltd.
|
|