PART |
Description |
Maker |
SD-19252-001 0192520132 N-04-18-30-M-LC |
101.60mm (4.000) Heat Stabilized Black Cable Tie 101.60mm (4.000") Heat Stabilized Black Cable Tie
|
Molex Electronics Ltd.
|
0192520130 |
101.60mm (4.000) UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag 101.60mm (4.000") UV Black Cable Tie, 18 Pound Tensile Strength, 1000/Bag
|
Molex Electronics Ltd.
|
42475-1041 |
4.20mm (.165) Pitch Mini-Fit BMI Plug Housing, Dual Row With Panel Mount Ears, Black, UL 94V-0, 10 Circuits
|
Molex Electronics Ltd.
|
SRH20FSMSTXV SRH20FTX |
1.5 AMP 2,000 - 3,000 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I...
|
SP200S SP300S SP150S SP250S |
15,000 V - 30,000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
X20FF3 X20FF5 X50FF3 X100FF3 X100FF5 X150FF3 X150F |
2,000 V - 15,000 V Rectifiers 50 mA - 420 mA Forward Current 30 ns - 50 ns Recovery Time
|
ETC[ETC]
|
X150FG X200FG |
15,000 V - 20,000 V Rectifiers 25 mA - 50 mA Forward Current 200 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
SRH20UFTX SRH20UFSMSS |
1.5 AMP 2,000 - 3,000 VOLTS ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I...
|
SXF6521 |
2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time 0.5 A, 2000 V, SILICON, SIGNAL DIODE
|
Voltage Multipliers, Inc.
|
SMF6531 SMF6533 SMF6529 |
2,000 V - 5,000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time
|
VMI[Voltage Multipliers Inc.]
|
SXF6523 SXF6525 |
2,000 V - 5,000 V Rectifiers 0.15 A - 0.50 A Forward Current 70 ns Recovery Time
|
Voltage Multipliers Inc...
|
Z20FF5 Z50FF3 Z50FF5 Z100FF3 Z100FF5 Z20FF3 |
From old datasheet system 2,000 V - 10,000 V Rectifiers
|
ETC[ETC]
|